Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSB16U0154J Datasheet(PDF) 3 Page - AVX Corporation

Part # FSB16U0154J
Description  Medium Power Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FSB16U0154J Datasheet(HTML) 3 Page - AVX Corporation

  FSB16U0154J Datasheet HTML 1Page - AVX Corporation FSB16U0154J Datasheet HTML 2Page - AVX Corporation FSB16U0154J Datasheet HTML 3Page - AVX Corporation FSB16U0154J Datasheet HTML 4Page - AVX Corporation FSB16U0154J Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
88
031416
CASE SIZE 6-C
Medium Power Film Capacitors
FSB (RoHS Compliant)
RATINGS AND PART NUMBER REFERENCE FOR LUG TERMINALS
W ± 1
P1 ± 1
P2 ± 1
6.50
7.00
Marking
Marking
Resin
Plastic
Case
7.00
+0.50
-1.50
T ± 1
H ± 1
0.80 ± 0.10
90º
180º
T ± 1
6.00
Cap
Rated
AVX
Case
W
H
T
P1
P2
dv/dt
I peak
I rms
Rs
ESL
Rth
Packaging
(μF)
Voltage
Part Number
Size
±0.50
±0.50
±0.50
±0.50
±0.50
Volt/sec Amps
Amps
nH
ºC/W
Inner Box
±10%
(V)
90º
180º
(mm)
(mm)
(mm)
(mm)
(mm)
Vndc = 700V
Vpeak = 1100V
Vrms = 380V
Vs = 1400V
Voltage Code: A
Qty
Size
1.20
700
FSBA6A0125K90
FSBA6A0125K18
A
42.50
27.5
24.5
23~28
11.0
600.0
720.0
17.5
4.0
18.0
16.4
42
360*170*80
2.00
700
FSBB6A0205K90
FSBB6A0205K18
B
42.50
35.5
33.5
23~28
11.0
600.0 1200.0
23.5
3.3
20.0
11.3
35
360*170*80
2.20
700
FSBB6A0225K90
FSBB6A0225K18
B
42.50
35.5
33.5
23~28
11.0
600.0 1320.0
24.0
3.1
20.0
10.8
35
360*170*80
2.50
700
FSBB6A0255K90
FSBB6A0255K18
B
42.50
35.5
33.5
23~28
11.0
600.0 1500.0
24.5
2.9
20.0
10.1
35
360*170*80
3.00
700
FSBB6A0305K90
FSBB6A0305K18
B
42.50
45.0
33.0
23~28
11.0
600.0 1800.0
27.5
2.7
20.0
7.7
40
360*170*80
3.30
700
FSB96A0335K90
FSB96A0335K18
9
42.50
45.0
33.0
23~28
11.0
600.0 1980.0
28.0
2.7
25.0
7.2
40
360*170*80
3.50
700
FSB96A0355K90
FSB96A0355K18
9
42.50
45.0
33.0
23~28
11.0
600.0 2100.0
28.5
2.6
25.0
7.4
40
360*170*80
4.00
700
FSB86A0405K90
FSB86A0405K18
8
57.50
45.0
30.0
37~39
24.0
360.0 1440.0
29.0
4.4
35.0
7.9
25
360*170*80
4.70
700
FSB76A0475K90
FSB76A0475K18
7
57.50
50.0
35.0
37~39
24.0
360.0 1692.0
35.0
4.1
38.0
6.9
20
360*170*80
5.00
700
FSB76A0505K90
FSB76A0505K18
7
57.50
50.0
35.0
37~39
24.0
360.0 1800.0
37.0
3.9
38.0
6.9
20
360*170*80
5.60
700
FSB76A0565K90
FSB76A0565K18
7
57.50
50.0
35.0
37~39
24.0
360.0 2016.0
39.0
3.7
38.0
6.5
20
360*170*80
Vndc = 850V
Vpeak = 1200V Vrms = 450V
Vs = 1500V
Voltage Code: B
Qty
Size
0.82
850
FSBA6B0824K90
FSBA6B0824K18
A
42.5
27.5
24.5
23~28
11.0
750.0
615.0
13.0
6.7
18.0
20.7
42
360*170*80
1.00
850
FSBA6B0105K90
FSBA6B0105K18
A
42.5
27.5
24.5
23~28
11.0
750.0
750.0
15.0
5.5
18.0
18.8
42
360*170*80
1.50
850
FSBB6B0155K90
FSBB6B0155K18
B
42.5
35.5
33.5
23~28
11.0
750.0 1125.0
22.0
3.9
20.0
13.9
35
360*170*80
1.75
850
FSBB6B0175K90
FSBB6B0175K18
B
42.5
35.5
33.5
23~28
11.0
750.0 1312.5
24.0
3.4
20.0
12.6
35
360*170*80
2.00
850
FSB66B0205K90
FSB66B0205K18
6
42.5
45.0
30.0
23~28
11.0
750.0 1500.0
25.0
3.4
25.0
19.1
40
360*170*80
2.20
850
FSB66B0225K90
FSB66B0225K18
6
42.5
45.0
30.0
23~28
11.0
750.0 1650.0
28.0
3.1
25.0
18.6
40
360*170*80
2.50
850
FSB66B0255K90
FSB66B0255K18
6
42.5
45.0
30.0
23~28
11.0
750.0 1875.0
28.0
2.7
25.0
17.8
40
360*170*80
2.50
850
FSB76B0255K90
FSB76B0255K18
7
57.5
50.0
35.0
37~39
24.0
469.0 1172.5
24.0
5.3
38.0
10.7
20
360*170*80
3.00
850
FSB86B0305K90
FSB86B0305K18
8
57.5
45.0
30.0
37~39
24.0
469.0 1407.0
27.0
4.5
35.0
9.9
25
360*170*80
3.30
850
FSB86B0335K90
FSB86B0335K18
8
57.5
45.0
30.0
37~39
24.0
469.0 1547.7
27.5
4.1
35.0
9.3
25
360*170*80
4.00
850
FSB76B0405K90
FSB76B0405K18
7
57.5
50.0
35.0
37~39
24.0
469.0 1876.0
33.0
3.5
38.0
8.0
20
360*170*80
5.00
850
FSB66B0505K90
FSB66B0505K18
6
57.5
50.0
35.0
37~39
24.0
469.0 2345.0
37.0
2.9
38.0
6.9
20
360*170*80
Vndc = 1000V
Vpeak = 1300
Vrms = 480V
Vs=1700V
Voltage Code: C
Qty
Size
0.68 1000
FSBA6C0684K90
FSBA6C0684K18
A
42.5
27.5
24.5
23~28
11.0
870.0
591.6
16.5
4.3
18.0
14.6
42
360*170*80
0.75 1000
FSBA6C0754K90
FSBA6C0754K18
A
42.5
27.5
24.5
23~28
11.0
870.0
652.5
17.5
4.0
18.0
14.2
42
360*170*80
1.20 1000
FSBB6C0125K90
FSBB6C0125K18
B
42.5
35.5
33.5
23~28
11.0
870.0 1044.0
23.5
3.3
20.0
9.2
35
360*170*80
1.50 1000
FSBB6C0155K90
FSBB6C0155K18
B
42.5
35.5
33.5
23~28
11.0
870.0 1305.0
25.0
2.9
20.0
8.9
35
360*170*80
1.75 1000
FSB96C0175K90
FSB96C0175K18
9
42.5
45.0
33.0
23~28
11.0
870.0 1522.5
27.0
2.7
25.0
7.0
40
360*170*80
2.00 1000
FSB96C0205K90
FSB96C0205K18
9
42.5
45.0
33.0
23~28
11.0
870.0 1740.0
28.0
2.6
25.0
6.9
40
360*170*80
2.20 1000
FSB86C0225K90
FSB86C0225K18
8
57.5
45.0
30.0
37~39
24.0
500.0 1100.0
27.5
3.3
35.0
8.1
25
360*170*80
2.50 1000
FSB96C0255K90
FSB96C0255K18
9
42.5
45.0
33.0
23~28
11.0
750.0 1875.0
24.5
4.0
25.0
6.0
40
360*170*80
3.00 1000
FSB86C0305K90
FSB86C0305K18
8
57.5
45.0
30.0
37~39
24.0
450.0 1350.0
24.5
4.8
35.0
6.4
25
360*170*80
3.00 1000
FSB76C0305K90
FSB76C0305K18
7
57.5
50.0
35.0
37~39
24.0
500.0 1500.0
32.0
2.7
38.0
5.7
20
360*170*80
3.30 1000
FSB86C0335K90
FSB86C0335K18
8
57.5
45.0
30.0
37~39
24.0
450.0 1485.0
25.5
4.6
35.0
6.9
25
360*170*80
3.30 1000
FSB76C0335K90
FSB76C0335K18
7
57.5
50.0
35.0
37~39
24.0
450.0 1485.0
32.5
2.6
38.0
5.5
20
360*170*80
4.00 1000
FSB76C0405K90
FSB76C0405K18
7
57.5
50.0
35.0
37~39
24.0
450.0 1800.0
29.5
4.0
38.0
5.6
20
360*170*80


Similar Part No. - FSB16U0154J

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
FSB1014 ECM-FSB1014 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-102 ECM-FSB1014-102 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-103 ECM-FSB1014-103 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-104 ECM-FSB1014-104 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-122 ECM-FSB1014-122 Datasheet
73Kb / 3P
   Shielded Radial Inductors
More results

Similar Description - FSB16U0154J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com