Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00030DAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00030DAPR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00030DAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button HPA00030DAPR Datasheet HTML 7Page - Texas Instruments HPA00030DAPR Datasheet HTML 8Page - Texas Instruments HPA00030DAPR Datasheet HTML 9Page - Texas Instruments HPA00030DAPR Datasheet HTML 10Page - Texas Instruments HPA00030DAPR Datasheet HTML 11Page - Texas Instruments HPA00030DAPR Datasheet HTML 12Page - Texas Instruments HPA00030DAPR Datasheet HTML 13Page - Texas Instruments HPA00030DAPR Datasheet HTML 14Page - Texas Instruments HPA00030DAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LODData
0
LSB
OUT2
OUT1
OUT0
LOD
LOD
LOD
15
MSB
LOD
OUT15
OUT14
OUT13
LOD
LOD
TLC5923
www.ti.com
SLVS550B – DECEMBER 2004 – REVISED JANUARY 2013
Error Information Output
The open-drain output XERR is used to report both of the TLC5923 error flags, TEF and LOD. During normal
operating conditions, the internal transistor connected to the XERR pin is turned off. The voltage on XERR is
pulled up to VCC through a external pullup resistor. If TEF or LOD is detected, the internal transistor is turned on,
and XERR is pulled to GND. Since XERR is an open-drain output, multiple ICs can be OR'ed together and pulled
up to VCC with a single pullup resistor. This reduces the number of signals needed to report a system error.
To differentiate LOD and TEF signal from XERR pin, LOD can be masked out with BLANK = HIGH.
Table 3. XERR Truth Table
CONDITION
ERROR INFORMATION
XERR
TEMPERATURE
BLANK
OUTn VOLTAGE
TEF
LODn
TJ < T(TEF)
H
Don't Care
L
L
High-Z(1)
TJ > T(TEF)
H
L
TJ < T(TEF)
L
OUTn > V(LOD)
L
L
High-Z
OUTn < V(LOD)
H
L
TJ > T(TEF)
OUTn > V(LOD)
H
L
L
OUTn < V(LOD)
H
L
(1)
Note: High-Z indicates high impedance
TEF: Thermal Error Flag
The TLC5923 provides a temperature error flag (TEF) circuit to indicate an overtemperature condition of the IC. If
the junction temperature exceeds the threshold temperature T(TEF) (160°C typical), TEF becomes H and XERR
pin goes to low level. When the junction temperature becomes lower than the threshold temperature, TEF
becomes L and XERR pin becomes high impedance.
LOD: LED-Open Detection
The TLC5923 has an LED-open detector to detect broken or disconnected LEDs, which should be connected to
the output. The LED-open detector pulls the XERR pin down to GND when the LED open is detected. An open
LED is detected when the following three conditions are met:
1. BLANK is low
2. On/Off data is high
3. The voltage of OUTn is less than 0.3 V (typical)
The LOD status of each output can also be read out from the SOUT pin. Figure 10 shows the LOD data format.
Table 4 shows the LOD truth table.
Figure 10. LOD Data Format
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLC5923


Similar Part No. - HPA00030DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00033DTR TI-HPA00033DTR Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
HPA00033DTR TI1-HPA00033DTR Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
HPA00034DTR TI-HPA00034DTR Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
HPA00034DTR TI1-HPA00034DTR Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
HPA00035DTR TI-HPA00035DTR Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - HPA00030DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
LDT Co., Ltd
LD1072 LDT-LD1072 Datasheet
527Kb / 34P
   16-CH LED DRIVER WITH DOT CORRECTION
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com