Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0102A Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # TA0102A
Description  STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0102A Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TA0102A Datasheet HTML 1Page - Tripath Technology Inc. TA0102A Datasheet HTML 2Page - Tripath Technology Inc. TA0102A Datasheet HTML 3Page - Tripath Technology Inc. TA0102A Datasheet HTML 4Page - Tripath Technology Inc. TA0102A Datasheet HTML 5Page - Tripath Technology Inc. TA0102A Datasheet HTML 6Page - Tripath Technology Inc. TA0102A Datasheet HTML 7Page - Tripath Technology Inc. TA0102A Datasheet HTML 8Page - Tripath Technology Inc. TA0102A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Tripath Technology, Inc. - Technical Information
3
TA0102A, Rev. 3.1/06.01
Performance Characteristics – Single Ended, Vs = +45V
Unless otherwise specified, f = 1kHz, Measurement Bandwidth = 22kHz. TA = 25°C.
See Notes 1 & 2 for Operating Conditions and Test/Application Circuit Setup.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
P
OUT
Output Pow er
(Continuous Average/Channel)
THD+N = 0.1%
R
L = 8Ω
R
L = 4Ω
THD+N = 1%
R
L = 8Ω
R
L = 4Ω
80
130
100
170
W
W
W
W
THD + N
Total Harmonic Distortion Plus
Noise
P
O = 20W/Channel, RL = 8Ω
0.05
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF), R
L = 4Ω
P
OUT = 30W/Channel
0.05
%
SNR
Signal-to-Noise Ratio
A-Weighted, P
OUT = 88W/Ch, RL = 8Ω
98.5
dB
CS
Channel Separation
0dBr = 30W, R
L= 8Ω
85
dB
PSRR
Pow er Supply Rejection Ratio
f = 120Hz, Vripple = 100 mV
67
dB
η
Pow er Efficiency
P
OUT = 230W/Channel, RL = 4Ω
82
%
e
NOUT
Output Noise Voltage
A-Weighted, no signal, input shorted,
DC offset nulled to zero
300
µV
Performance Characteristics – Single Ended, Vs = +33.75V
Unless otherwise specified, f = 1kHz, Measurement Bandwidth = 22kHz. TA = 25°C.
See Notes 1 & 2 for Operating Conditions and Test/Application Circuit Setup.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
P
OUT
Output Pow er
(Continuous Average/Channel)
THD+N = 0.1%
R
L = 8Ω
R
L = 4Ω
THD+N = 1%
R
L = 8Ω
R
L = 4Ω
47
77
65
110
W
W
W
W
THD + N
Total Harmonic Distortion Plus
Noise
P
O = 20W/Channel, RL = 8Ω
0.05
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF), R
L = 4Ω
P
OUT = 30W/Channel
0.03
%
SNR
Signal-to-Noise Ratio
A-Weighted, P
OUT = 47W/Ch, RL = 8Ω
100
dB
CS
Channel Separation
0dBr = 20W, R
L= 8Ω
85
dB
PSRR
Pow er Supply Rejection Ratio
f = 120Hz, Vripple = 100 mV
67
dB
η
Pow er Efficiency
P
OUT = 85W/Channel, RL = 8Ω
90
%
e
NOUT
Output Noise Voltage
A-Weighted, no signal, input shorted,
DC offset nulled to zero
195
µV
Minimum and maximum limits are guar anteed but may not be 100% tested.
Notes:
1.
V5 = +5V, VN12 = +12V referenced to VSNEG
2.
Test/Application Circuit Values:
D = MUR120T3 diodes, RIN = 22.1KΩ
RD = 33ΩRS = 0.025ΩRG = 30Ω
ROCR1 = ROCR2 = 0Ω, LF = 18uH (Amidon core T200-2)
CF = 0.22uF, CD = 0.1uF, CIN = 1uF, CBY = 0.1uF
Power Output MOSFET, M = ST STP19NB20
BBM0 =BBM1 = 1


Similar Part No. - TA0102A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Similar Description - TA0102A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com