Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0102A Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TA0102A
Description  STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0102A Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TA0102A Datasheet HTML 2Page - Tripath Technology Inc. TA0102A Datasheet HTML 3Page - Tripath Technology Inc. TA0102A Datasheet HTML 4Page - Tripath Technology Inc. TA0102A Datasheet HTML 5Page - Tripath Technology Inc. TA0102A Datasheet HTML 6Page - Tripath Technology Inc. TA0102A Datasheet HTML 7Page - Tripath Technology Inc. TA0102A Datasheet HTML 8Page - Tripath Technology Inc. TA0102A Datasheet HTML 9Page - Tripath Technology Inc. TA0102A Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Tripath Technology, Inc. - Technical Information
6
TA0102A, Rev. 3.1/06.01
Typical Performance at Vs = +45V
20Hz - 22kHz BW
BBM = 25nS
Pout = 30W/Channel
V
S = +/-45V
Av = 14.8
ST STP19NB20 MOSFET
Frequency (Hz)
THD+N versus Frequency
R
L = 4Ω
10
20k
20
50
100
200
500
1k
2k
5k
10k
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
Frequency (Hz)
60
30k
100
200
500
1k
2k
5k
10k
20k
-100
+10
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
Intermodulation Performance
R
L = 4Ω
10Hz - 80kHz BW
19kHz, 20kHz, 1:1
BBM = 25nS
Pout = 30W/Channel
V
S = +/-45V
0dBr = 11Vrms
Av = 14.8
ST STP19NB20 MOSFET
Frequency (Hz)
20
20k
50
100
200
500
1k
2k
5k
10k
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Channel Separation versus Frequency
R
L = 4Ω
20Hz - 22kHz BW
BBM = 25nS
Pout = 30W/Channel
V
S = +/-45V
Av = 14.8
ST STP19NB20 MOSFET
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Frequency (Hz)
20
20k
50
100
200
500
1k
2k
5k
10k
A-Weighted Noise FFT
20Hz - 22kHz BW
BBM = 25nS
Pout = 0
V
S = +/-45V
R
L = 4Ω
Av = 14.8
ST STP19NB20 MOSFET
Output Power (W)
THD+N versus Output Power
20Hz - 22kHz BW
f = 1kHz
BBM = 25nS
Vs = +/-45V
Av = 14.8
ST STP19NB20 MOSFET
1
200
2
5
10
20
50
100
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
R
L = 4Ω
R
L = 8Ω
Efficiency versus Output Power
RL = 4Ω
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
Output Power (W)
22Hz - 22kHz BW
f = 1kHz
BBM = 145nS
V
S = +/-45V
Av = 20.75
ST STP19NB20 MOSFET


Similar Part No. - TA0102A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Similar Description - TA0102A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com