Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAV36N0125K Datasheet(PDF) 2 Page - AVX Corporation

Part # FAV36N0125K
Description  Medium Power Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FAV36N0125K Datasheet(HTML) 2 Page - AVX Corporation

  FAV36N0125K Datasheet HTML 1Page - AVX Corporation FAV36N0125K Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
90
JUNE 2015
Medium Power Film Capacitors
FAV (RoHS Compliant)
Part Number
Capacitance
I rms max
Q max
Rs
Ls
Rth
Typical
(
nF)
(A)
(kV)
(m )
(nH)
(°C/W)
Weight (g)
Vndc 600V
Vrms: 300V
FAV36K0125K--
1200
40
12
0.85
5
4
90
FAV36K0105K--
1000
32
10
1
5
4.1
90
Vndc 800V
Vrms: 400V
FAV36B0804K--
800
35
14
0.9
5
4
90
FAV36B0624K--
620
27
11
1.1
5
4.1
90
Vndc 1000V
Vrms: 450V
FAV36L0564K--
560
30
14
1
5
4
90
FAV36L0474K--
470
25
12
1.2
5
4.1
90
Vndc 1200V
Vrms: 500V
FAV36U0334K--
330
21
11
1.4
5
4.2
90
FAV36U0274K--
270
17
9
1.7
5
4.4
90
Vndc 1500V
Vrms: 600V
FAV36R0184K--
180
16
10
1.7
5
4.4
90
FAV36R0154K--
150
13
8
2
5
4.5
90
Vndc 2000V
Vrms: 650V
FAV36N0124K--
120
15
10
1.7
5
4.6
90
FAV36N0104K--
100
12
8
1.9
5
4.9
90
FAV36N0803K--
80
10
7
2
5
5.2
90
ELECTRICAL CHARACTERISTICS
Climatic category
40/085/56 (IEC 60068)
Working temperature
hot spot temperature:
-40°C to +85°C
Hot spot temperature
≤85°C (must be calculated: see below)
Capacitance range Cn
80 to 1200nF
Tolerance
±10%
Rated AC voltage
Vnrms = 300 to 650 V
Rated DC voltage
Vndc = 600 to 2000 V
Maximum rms current
Irms max = 10 to 40 Arms
Maximum reactive power
Q max = 7 to 14 kvar
Stray inductance
15 nH
Test voltage between terminals
1.5 x Vndc 10s
Withstanding voltage between
terminals and case
3000 Vrms 60s
Dielectric
Polypropylene
RATINGS AND PART NUMBER REFERENCE
LIFETIME EXPECTANCY
1.00E+ 06
1.00E+ 05
1.00E+ 04
1.00E+ 03
60
65
70
75
Temperature (°C)
80
85


Similar Description - FAV36N0125K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com