Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00190DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00190DR
Description  3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00190DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button HPA00190DR Datasheet HTML 6Page - Texas Instruments HPA00190DR Datasheet HTML 7Page - Texas Instruments HPA00190DR Datasheet HTML 8Page - Texas Instruments HPA00190DR Datasheet HTML 9Page - Texas Instruments HPA00190DR Datasheet HTML 10Page - Texas Instruments HPA00190DR Datasheet HTML 11Page - Texas Instruments HPA00190DR Datasheet HTML 12Page - Texas Instruments HPA00190DR Datasheet HTML 13Page - Texas Instruments HPA00190DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VO − Output Voltage − VPP
−80
−75
−70
−65
−60
−55
−50
−45
−40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
G015
VS = 5 V
RL = 150 Ω || 13 pF
f = 4 MHz
f = 1 MHz
f = 2 MHz
VO − Output Voltage − VPP
−90
−85
−80
−75
−70
−65
−60
−55
−50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
G016
VS = 5 V
RL = 150 Ω || 13 pF
f = 4 MHz
f = 1 MHz
f = 2 MHz
VO − Output Voltage − VPP
0
10
20
30
40
50
60
70
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G018
VS = 5 V
RL = 150 Ω || 13 pF
f − Frequency − MHz
−90
−80
−70
−60
−50
−40
−30
0.1
10
100
1k
G020
1
Ch.1 <−> Ch.2
Ch.1 <−> Ch.3
Ch.2 <−> Ch.3
VS = 5 V
VO = 1 VPP
RL = 150 Ω || 13 pF
f − Frequency − MHz
−60
−50
−40
−30
−20
−10
0
10
0.1
10
100
1k
G022
1
CL =27pF
VS =5V
VO =200mVPP
RL =150 Ω ||CL
CL =13pF
CL =5pF
f − Frequency − MHz
0.1
1
10
100
100
10
1
0.1
G024
VS = 5 V
THS7314
SLOS513A
– DECEMBER 2006 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
HD2 vs OUTPUT VOLTAGE
HD3 vs OUTPUT VOLTAGE
Figure 22.
Figure 23.
SLEW RATE vs OUTPUT VOLTAGE
CROSSTALK vs FREQUENCY
Figure 24.
Figure 25.
SMALL-SIGNAL GAIN vs FREQUENCY
OUTPUT IMPEDANCE vs FREQUENCY
Figure 26.
Figure 27.
10
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s) :THS7314


Similar Part No. - HPA00190DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00191DR TI1-HPA00191DR Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
HPA00194DGNR TI1-HPA00194DGNR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
HPA00194DGNR TI-HPA00194DGNR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - HPA00190DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com