Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS83B Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LVDS83B
Description  FlatLink Transmitter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS83B Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LVDS83B_17 Datasheet HTML 3Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 4Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 5Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 6Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 7Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 8Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 9Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 10Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SN75LVDS83B
www.ti.com
SLLS846C – MAY 2009 – REVISED AUGUST 2014
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
ZQL
DGG
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Low-K JEDEC test board, 1s (single signal layer), no air flow
85
Junction-to-free-air
θJA
°C/W
High-K JEDEC test board, 2s2p (double signal layer, double
thermal resistance
67.1
63.4
buried power plane), no air flow
Junction-to-case
θJC
Cu cold plate measurement process
25.2
15.9
°C/W
thermal resistance
Junction-to-board
θJB
EIA/JESD 51-8
31.0
32.5
°C/W
thermal resistance
Junction-to-top of
ψJT
EIA/JESD 51-2
0.8
0.4
°C/W
package
ψJB Junction-to-board
EIA/JESD 51-6
30.3
32.2
°C/W
Operating ambient
TA
–10
70
–10
70
°C
temperature range
Virtual junction
TJ
0
105
0
105
°C
temperature
7.5 Dissipation Ratings
DERATING FACTOR(2)
TJA = 70°C
PACKAGE
CIRCUIT BOARD MODEL(1)
TJA ≤ 25°C
ABOVE TJA = 25°C
POWER RATING
DGG
1111 mW
12.3 mW/°C
555 mW
Low-K
ZQL
1034 mW
11.5 mW/°C
517 mW
DGG(3)
1730 mW
19 mW/°C
865 mW
High-K
ZQL
2000 mW
22 mW/°C
1000 mW
(1)
In accordance with the High-K and Low-K thermal metric definitions of EIA/JESD51-2.
(2)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(3)
DGG junction to case thermal resistance (
θJC) is 15.4°C/W.
7.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VT
Input voltage threshold
IOVCC/2
V
Differential steady-state output voltage
mV
|VOD|
250
450
magnitude
RL = 100Ω, See Figure 7
Change in the steady-state differential
Δ|VOD|
output voltage magnitude between
1
35
mV
opposite binary states
Steady-state common-mode output
VOC(SS)
1.125
1.375
V
voltage
See Figure 7
tR/F (Dx, CLKin) = 1ns
Peak-to-peak common-mode output
VOC(PP)
35
mV
voltage
IIH
High-level input current
VIH = IOVCC
25
μA
IIL
Low-level input current
VIL = 0 V
±10
μA
VOY = 0 V
±24
mA
IOS
Short-circuit output current
VOD = 0 V
±12
mA
IOZ
High-impedance state output current
VO = 0 V to VCC
±20
μA
IOVCC = 1.8 V
200
Input pull-down integrated resistor on all
Rpdn
k
inputs (Dx, CLKSEL, SHTDN, CLKIN)
IOVCC = 3.3 V
100
disabled, all inputs at GND;
IQ
Quiescent current (average)
2
100
μA
SHTDN = VIL
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN75LVDS83B


Similar Part No. - SN75LVDS83B_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83BDGG TI-SN75LVDS83BDGG Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83BDGGR TI-SN75LVDS83BDGGR Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83BZQLR TI-SN75LVDS83BZQLR Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
More results

Similar Description - SN75LVDS83B_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com