Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS83B Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75LVDS83B
Description  FlatLink Transmitter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS83B Datasheet(HTML) 3 Page - Texas Instruments

  SN75LVDS83B_17 Datasheet HTML 1Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 2Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 3Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 4Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 5Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 6Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 7Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 8Page - Texas Instruments SN75LVDS83B_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
IOVCC
VCC
LVDSVCC
GND
CLKSEL
D16
D15
D14
GND
CLKOUTM
D13
D17
D5
D6
D7
D8
D10
D11
D18
GND
D21
D23
D24
D2
D3
D4
GND
D1
D0
D27
GND
Y0M
GND
GND
PLLVCC
GND
SHTDN
CLKIN
D26
GND
GND
D9
D12
D19
D20
D22
IOVCC
D25
Y0P
Y1M
Y1P
Y2M
Y2P
Y3M
Y3P
CLKOUTP
SN75LVDS83B
www.ti.com
SLLS846C – MAY 2009 – REVISED AUGUST 2014
5 Description (Continued)
The SN75LVDS83B requires no external components and little or no control. The data bus appears the same at
the input to the transmitter and output of the receiver with the data transmission transparent to the user(s). The
only user intervention is selecting a clock rising edge by inputting a high level to CLKSEL or a falling edge with a
low-level input, and the possible use of the Shutdown/Clear (SHTDN). SHTDN is an active-low input to inhibit the
clock, and shut off the LVDS output drivers for lower power consumption. A low-level on this signal clears all
internal registers to a low-level.
The SN75LVDS83B is characterized for operation over ambient air temperatures of –10°C to 70°C.
Alternative device option: The SN75LVDS83A (SLLS980) is an alternative to the SN75LVDS83B for clock
frequency range of 10MHz-100MHz only. The SN75LVDS83A is available in the TSSOP package option only.
6 Pin Configuration and Functions
56-PIN
DGG PACKAGE
(TOP VIEW)
DGG Pin List
PIN
SIGNAL
PIN
SIGNAL
PIN
SIGNAL
PIN
SIGNAL
1
IOVCC
15
D15
29
GND
43
GND
2
D5
16
D16
30
D26
44
LVDSVCC
3
D6
17
CLKSEL
31
CLKIN
45
Y1P
4
D7
18
D17
32
SHTDN
46
Y1M
5
GND
19
D18
33
GND
47
Y0P
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN75LVDS83B


Similar Part No. - SN75LVDS83B_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83BDGG TI-SN75LVDS83BDGG Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83BDGGR TI-SN75LVDS83BDGGR Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83BZQLR TI-SN75LVDS83BZQLR Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
More results

Similar Description - SN75LVDS83B_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com