Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SV9300 Datasheet(PDF) 2 Page - NEC

Part No. SV9300
Description  Microsoft Lync Gateway
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SV9300 Datasheet(HTML) 2 Page - NEC

  SV9300 Datasheet HTML 1Page - NEC SV9300 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632
About NEC Australia. NEC Australia is a leading technology company, delivering a complete portfolio of ICT solutions and services to large enter prise, small business and
government organisations. We deliver innovative solutions to help customers gain greater business value from their technology investments.
NEC Australia specialises in information and communications technology solutions and services in multi-vendor environments. Solutions and services include: IT applications and
solutions development, unified communications, complex communications solutions, network solutions, display solutions, identity management, research and development
services, systems integration and professional, technical and managed services.
UG30DataSheet | v.20150223
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local NEC representatives for further details. Although all efforts
have been made to ensure that the contents are correct, NEC shall not be liable for any direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related
materials. The information contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2014 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered trademarks of NEC Corporation that may be registered in Japan and other jurisdictions.
All other trademarks are the property of their respective owners. All rights reserved. Printed in Australia. Note: This disclaimer also applies to all related documents previously published.
Australia
NEC Australia Pty Ltd
au.nec.com
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia Pacific (AP)
NEC Asia Pacific
www.nec.com.sg
Europe (EMEA)
NEC Enterprise Solutions
www.nec-enterprise.com
Communicate, Collaborate,
anywhere, anytime
* Based on a maximum of 64 gateways in a CCIS network. If a system is already using CCIS to connect other PBX’s this number is reduced.
UG30 is not supported when the phone system is configured as a Hotel system.
Specifications
Voice channels
64 channels per gateway. 4,096 channels per system*
Encoding
G.711, G7.29a
Quality of service
VLAN, DiffServ, IP precedence
Fax support
Fax pass-through (T.38 is not supported)
Encryption
Not supported
Caller ID
Up to 16 digits (8 digits from SV8300 / SV9300 to Lync)
Caller name
Up to 16 characters
Physical conditions
Rack mounted
Non rack mounted
Operating temperature
0°C ~ 40°C (Internal cooling fan)
Humidity
10 ~ 90% RH (non-condensing)
Weight
8.2 kg
4.5 kg
Width
430 mm (Designed for a 19” rack)
369 mm
Height
88 mm (2RU)
220 mm
Depth
409 mm (without front cover)
115 mm
Power
Standby: 96W, Maximum: 120 W
Microsoft Lync
NEC UG30
NEC SV9300 / SV9500
Microsoft Lync Clients
NEC DT Series phones
Carrier
Version Support
UNIVERGE SV9300
V2 or later
UNIVERGE SV9500
V1 or later
UNIVERGE SV8300
R9 or later
UNIVERGE SV8500
S7 or later
Microsoft Lync
2013


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn