Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1150RGVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC1150RGVR
Description  Low Power Sub-1 GHz RF Transmitter
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150RGVR Datasheet(HTML) 5 Page - Texas Instruments

  CC1150RGVR Datasheet HTML 1Page - Texas Instruments CC1150RGVR Datasheet HTML 2Page - Texas Instruments CC1150RGVR Datasheet HTML 3Page - Texas Instruments CC1150RGVR Datasheet HTML 4Page - Texas Instruments CC1150RGVR Datasheet HTML 5Page - Texas Instruments CC1150RGVR Datasheet HTML 6Page - Texas Instruments CC1150RGVR Datasheet HTML 7Page - Texas Instruments CC1150RGVR Datasheet HTML 8Page - Texas Instruments CC1150RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
GND
Exposed die
attach pad
5
6
7
8
9 CSn
10 RF_P
11 RF_N
12 AVDD
13
14
15
16
1
SCLK
2
SO (GDO1)
3
DVDD
4
DCOUPL
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
3
Terminal Configuration and Functions
The CC1150 pinout is shown in Figure 3-1 and Table 3-1
Figure 3-1. Pinout Top View
3.1
Pin Attributes
Table 3-1. Pin Attributes(1)
PIN NO.
PIN NAME
TYPE
DESCRIPTION
1
SCLK
Digital Input
Serial configuration interface, clock input.
Serial configuration interface, data output.
2
SO (GDO1)
Digital Output
Optional general output pin when CSn is high.
1.8-V to 3.6-V digital power supply for digital I/Os and for the digital
3
DVDD
Power (Digital)
core voltage regulator.
4
DCOUPL(2)
Power (Digital)
1.6-V to 2.0-V digital power supply output for decoupling.
5
XOSC_Q1
Analog I/O
Crystal oscillator pin 1, or external clock input.
6
AVDD
Power (Analog)
1.8-V to 3.6-V analog power supply connection.
7
XOSC_Q2
Analog I/O
Crystal oscillator pin 2.
Digital output pin for general use:
Test signals
GDO0
FIFO status signals
8
Digital I/O
(ATEST)
Clock output, down-divided from XOSC
Serial input TX data
Also used as analog test I/O for prototype/production testing.
9
CSn
Digital Input
Serial configuration interface, chip select.
10
RF_P
RF I/O
Positive RF output signal from PA.
11
RF_N
RF I/O
Negative RF output signal from PA.
12
AVDD
Power (Analog)
1.8-V to 3.6-V analog power supply connection.
13
AVDD
Power (Analog)
1.8-V to 3.6-V analog power supply connection.
14
RBIAS
Analog I/O
External bias resistor for reference current.
15
DGUARD
Power (Digital)
Power supply connection for digital noise isolation.
16
SI
Digital Input
Serial configuration interface, data input.
(1)
The exposed die attach pad must be connected to a solid ground plane as this is the main ground connection for the chip.
(2)
This pin is intended for use with the CC1150 only. It can not be used to provide supply voltage to other devices.
Copyright © 2006–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: CC1150


Similar Part No. - CC1150RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150RGVR TI1-CC1150RGVR Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results

Similar Description - CC1150RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
logo
Microchip Technology
MICRF114 MICROCHIP-MICRF114 Datasheet
1Mb / 34P
   Low-Power Integrated Sub-GHz Wireless RF Transmitter
07/14/15
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com