Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1020RSSR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020RSSR
Description  Low-Power RF Transceiver for Narrowband Systems
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020RSSR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1020RSSR Datasheet HTML 3Page - Texas Instruments CC1020RSSR Datasheet HTML 4Page - Texas Instruments CC1020RSSR Datasheet HTML 5Page - Texas Instruments CC1020RSSR Datasheet HTML 6Page - Texas Instruments CC1020RSSR Datasheet HTML 7Page - Texas Instruments CC1020RSSR Datasheet HTML 8Page - Texas Instruments CC1020RSSR Datasheet HTML 9Page - Texas Instruments CC1020RSSR Datasheet HTML 10Page - Texas Instruments CC1020RSSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
4
Specifications
4.1
Absolute Maximum Ratings
(1)
PARAMETER
MIN
MAX
UNIT
CONDITION
All supply pins must have the same
Supply voltage, VDD
–0.3
5.0
V
voltage
VDD + 0.3,
Voltage on any pin
–0.3
V
max 5.0
Input RF level
10
dBm
Package body temperature
260
°C
Norm: IPC/JEDEC J-STD-020(2)
Humidity non-condensing
5%
85%
Storage temperature range, Tstg
–50
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under general characteristics is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD_020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”.
4.2
ESD Ratings
VALUE
UNIT
All pads except RF
±1
kV
Human Body Model (HBM), per
Electrostatic discharge (ESD)
ANSI/ESDA/JEDEC JS001(1)(2)
VESD
RF Pads
±0.4
kV
performance:
Charged-device Model (CDM)
250
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
According to JEDEC STD 22, method A114, Human Body Model
4.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
CONDITION
402
470
MHz
Programmable in < 300 Hz steps
RF Frequency Range
804
960
MHz
Programmable in < 600 Hz steps
Operating ambient temperature range
–40
85
°C
The same supply voltage should be used for digital
(DVDD) and analog (AVDD) power.
Supply voltage
2.3
3.0
3.6
V
A 3.0 ±0.1 V supply is recommended to meet the
ARIB STD-T67 selectivity and output power tolerance
requirements.
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
7
Submit Documentation Feedback
Product Folder Links: CC1020


Similar Part No. - CC1020RSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1020RSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com