Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1235A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SA1235A
Description  Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA1235A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SA1235A_12 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA1235A_12 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA1235A_12 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Epitaxial Planar Transistor
2SA1235A
C094
www.gmicroelec.com
Rev.A
1
FEATURES
Small collector to emitter saturation voltage
VCE(sat)=-0.3V max(@IC=-100mA,IB=-10mA).
Excellent lineary DC forward current gain.
Super mini package for easy mounting.
APPLICATIONS
PNP epitaxial type transistor designed for low frequency.
SOT-23
Voltage amplify application.
ORDERING INFORMATION
Type No.
Marking
Package Code
2SA1235A
ME/MF/MG
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-200
mA
PC
Collector Dissipation
150
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +125
Pb
Lead-free


Similar Part No. - 2SA1235A_12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA1235A SECOS-2SA1235A_15 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA1235A WINNERJOIN-2SA1235A_15 Datasheet
136Kb / 1P
   PNP TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1235A BILIN-2SA1235A_17 Datasheet
87Kb / 3P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SA1235A_12

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com