Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2512JK-7W9R76L Datasheet(PDF) 3 Page - YAGEO Corporation

Part # SR2512JK-7W9R76L
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR2512JK-7W9R76L Datasheet(HTML) 3 Page - YAGEO Corporation

  SR2512JK-7W9R76L Datasheet HTML 1Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 2Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 3Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 4Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 5Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 6Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 7Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 8Page - YAGEO Corporation SR2512JK-7W9R76L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
3
12
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
TC122 series is supplied and ordered by global part number only.
(1) The resistors have a 12-digit ordering code starting with 2350.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a ARV321 resistor, value 1,000Ω with ± 5%
tolerance, supplied in tape of 10,000 units per reel is: 235001311102(L)
or YC122-JR-071KL.
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART
NUMBER / 12NC can be added (both are on customer request)
12NC CODE
2350
XXX XXXXX L
(1)
(2)
(3)
(4)
TYPE/
2×0402
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
PAPER / PE TAPE ON REEL (units) (2)
10,000
50,000
ARV321 2350
± 5%
1 to 1 MΩ
013 11xxx
013 12xxx
ARV322 2350
± 1%
10 to 1 MΩ
013 2xxxx
013 3xxxx
Jumper
2350
-
0 Ω
013 91001
-
Resistance decade (3)
Last digit
0.01 to 0.0976
Ω
0
0.1 to 0.976
Ω
7
1 to 9.76
Ω
8
10 to 97.6
Ω
9
100 to 976
Ω
1
1 to 9.76 K
Ω
2
10 to 97.6 K
Ω
3
100 to 976 K
Ω
4
1 to 9.76 M
Ω
5
10 to 97.6 M
Ω
6
Example:
0.02
Ω
= 0200 or 200
0.3
Ω
= 3007 or 307
1
Ω
= 1008 or 108
33 K
Ω
= 3303 or 333
10 M
Ω
= 1006 or 106
Last digit of 12NC


Similar Part No. - SR2512JK-7W9R76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR2512JK-7W9R76L YAGEO-SR2512JK-7W9R76L Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR2512JK-7W9R76L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com