Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP-600-24 Datasheet(PDF) 2 Page - Total Power International

Part # PSP-600-24
Description  600W with PFC and Parallel Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PSP-600-24 Datasheet(HTML) 2 Page - Total Power International

  PSP-600-24 Datasheet HTML 1Page - Total Power International PSP-600-24 Datasheet HTML 2Page - Total Power International PSP-600-24 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
CaseNo.910A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
115
88
100
135
155
230
264
90
100
80
70
60
50
40
-20
0
10
20
30
45
40
50
60 (HORIZONTAL)
20
40
50
60
80
100
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
P.F.C.
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
O.V.P.
O.T.P.
INRUSH
CURRENT
ACTIVE
LIMITING
FAN
O.C.P.
RC
RC.G.
POK
CONTROL
SIGNAL
CURRENT
SHARING
P
CIRCUIT
PFCfosc:88KHz
PWMfosc:100KHz
12V
Others
Ta=25
RSConnector(CN5):JST B-XHorequivalent
PinNo.
1
2
Assignment
MatingHousing
JST XHP
JST SXH-001T
orequivalent
orequivalent
Terminal
RS+
RS-
TerminalPinNo. Assignment
PinNo.
1
3
4
5
6
7
8~11
12~15
2
Assignment
FG
P(CurrentShare)
POK
R.C.G
R.C.
DCOUTPUT +V
DCOUTPUT -V
AC/N
AC/L
14max.
P S P - 6 0 0 series
600WwithPFCandParallelFunction
BlockDiagram
9.5
CN5
11.5
8
11.5
120
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
170
185
150
150
2-M3L=4mmmax.
2-M3L=4mmmax.
2-M3L=4mmmax.
2-M3L=4mmmax.
1 2
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - PSP-600-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSP-600-24 MEANWELL-PSP-600-24 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
PSP-600-24 MEANWELL-PSP-600-24 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
PSP-600-24 MEANWELL-PSP-600-24 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
More results

Similar Description - PSP-600-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600_10 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP600 ASTRODYNE-PSP600 Datasheet
936Kb / 5P
   600W with PFC and Parallel Function
PSP-600 ASTRODYNE-PSP-600 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
logo
RSG Electronic Componen...
SCP-600 RSG-SCP-600 Datasheet
143Kb / 2P
   500~600W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-600 ASTRODYNE-SCP-600 Datasheet
1Mb / 3P
   500~600W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
HRP-600 MEANWELL-HRP-600_11 Datasheet
293Kb / 2P
   600W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com