Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P16VSFIG-TR Datasheet(PDF) 27 Page - Winbond

Part # W25P16VSFIG-TR
Description  8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P16VSFIG-TR Datasheet(HTML) 27 Page - Winbond

Back Button W25P16VSFIG-TR Datasheet HTML 23Page - Winbond W25P16VSFIG-TR Datasheet HTML 24Page - Winbond W25P16VSFIG-TR Datasheet HTML 25Page - Winbond W25P16VSFIG-TR Datasheet HTML 26Page - Winbond W25P16VSFIG-TR Datasheet HTML 27Page - Winbond W25P16VSFIG-TR Datasheet HTML 28Page - Winbond W25P16VSFIG-TR Datasheet HTML 29Page - Winbond W25P16VSFIG-TR Datasheet HTML 30Page - Winbond W25P16VSFIG-TR Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
W25P80 / W25P16 / W25P32
Publication Release Date: December 11, 2005
- 27 -
Revision J
9.2.15 Read Parameter Page (53h)
The Parameter Page is a 256-byte page of Flash memory that can be used for storing serial numbers,
revision information and configuration data that might typically be stored in an additional Serial
EEPROM memory. Because the Parameter Page is relatively small and separate from the array, the
erase time is significantly shorter than that of a sector erase (see tPE in AC Electrical Characteristics).
This makes it convenient for more frequent updates.
The Read Parameter Page instruction allows one or more bytes of the Parameter page to be read.
The instruction is initiated by driving the /CS pin low and then shifting the instruction code “53h”
followed by a 24-bit address (A23-A0) into the DI pin. Only the lower 8 address bits (A7-A0) are used,
the 16 upper most address bits (A23-A8) are ignored (don’t care). The code and address bits are
latched on the rising edge of the CLK pin. After the address is received, the data byte of the
addressed memory location will be shifted out on the DO pin at the falling edge of CLK with most
significant bit (MSB) first. The address is automatically incremented to the next higher address after
each byte of data is shifted out allowing for a continuous stream of data. When the end of the
Parameter page is reached the address will wrap to the beginning. The Read Parameter Page
instruction is shown in figure 18. If the Read Parameter Page instruction is issued while an Erase,
Program or Write cycle is in process (BUSY=1) the instruction is ignored and will not have any effects
on the current cycle. The Read Parameter Page instruction allows clock rates from D.C. to a
maximum of fR (see AC Electrical Characteristics).
Figure 18. Read Parameter Page Instruction Sequence Diagram


Similar Part No. - W25P16VSFIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P16VSFIG WINBOND-W25P16VSFIG Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
More results

Similar Description - W25P16VSFIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25Q80 WINBOND-W25Q80 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Winbond
W25X16 WINBOND-W25X16_08 Datasheet
1Mb / 50P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com