Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P16VSFIG-TR Datasheet(PDF) 37 Page - Winbond

Part # W25P16VSFIG-TR
Description  8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P16VSFIG-TR Datasheet(HTML) 37 Page - Winbond

Back Button W25P16VSFIG-TR Datasheet HTML 33Page - Winbond W25P16VSFIG-TR Datasheet HTML 34Page - Winbond W25P16VSFIG-TR Datasheet HTML 35Page - Winbond W25P16VSFIG-TR Datasheet HTML 36Page - Winbond W25P16VSFIG-TR Datasheet HTML 37Page - Winbond W25P16VSFIG-TR Datasheet HTML 38Page - Winbond W25P16VSFIG-TR Datasheet HTML 39Page - Winbond W25P16VSFIG-TR Datasheet HTML 40Page - Winbond W25P16VSFIG-TR Datasheet HTML 41Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
W25P80 / W25P16 / W25P32
Publication Release Date: December 11, 2005
- 37 -
Revision J
AC Electrical Characteristics, continued
SPEC
DESCRIPTION
SYMBOL
ALT
MIN
TYP
MAX
UNIT
/HOLD Not Active Setup Time relative to CLK
tHHCH
5
ns
/HOLD Not Active Hold Time relative to CLK
tCHHL
5
ns
/HOLD to Output Low-Z
tHHQX(2)
tLZ
9
ns
/HOLD to Output High-Z
tHLQZ(2)
tHZ
9
ns
Write Protect Setup Time Before /CS Low
tWHSL(4)
20
ns
Write Protect Hold Time After /CS High
tSHWL(4)
100
ns
/CS High to Power-down Mode
tDP(2)
3
µs
/CS High to Standby Mode without Electronic
Signature Read
tRES1(2)
30
µs
/CS High to Standby Mode with Electronic
Signature Read
tRES2(2)
30
µs
Write Status Register Cycle Time
tW
17
30
ms
Page Program Cycle Time (5)
3.0V-3.6V VCC
2.7V-3.6V VCC
tPP
3.5
4
7
8
ms
ms
Sector Erase Cycle Time
tSE
0.6
1.5
s
Chip Erase Cycle Time W25P80
Chip Erase Cycle Time W25P16
Chip Erase Cycle Time W25P32
tCE
7
12
25
20
40
80
s
s
s
Parameter Page Erase Cycle Time
tPE
100
200
ms
Notes:
1. Clock high + Clock low must be less than or equal to 1/fC.
2. Value guaranteed by design and/or characterization, not 100% tested in production.
3. Expressed as a slew-rate.
4. Only applicable as a constraint for a Write Status Register instruction when Sector Protect Bit is set at 1.
5. Maximum Tpp uses worse-case user pattern at 85°C.


Similar Part No. - W25P16VSFIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P16VSFIG WINBOND-W25P16VSFIG Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
More results

Similar Description - W25P16VSFIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25Q80 WINBOND-W25Q80 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Winbond
W25X16 WINBOND-W25X16_08 Datasheet
1Mb / 50P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com