Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0349671003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0349671003
Description  Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option C, Dark Gray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0349671003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0349671003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/25/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0349671003
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option C,
Dark Gray
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification PK-31301-898 (PDF)
Product Literature (PDF)
General
Product Family
Crimp Housings
Series
34967
Application
Power, Sealed, Wire-to-Board
Overview
Mini50™ Connection Systems
Polarization
C
Product Literature Order No
987651-6273
Product Name
Mini50™ Sealed
UPC
889056793384
Physical
Circuits (maximum)
10
Color - Resin
Gray (Dark)
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
SPS/Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.80mm
Pitch - Termination Interface
1.80mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-31301-898
Sales Drawing
349671000-000
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
34967 Series
Mates With
Contact Molex for mating information.
Use With
CTX50 Sealed Receptacle Terminal
34905-2443 , 34905-2444
This document was generated on 04/25/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0349671003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349671001 MOLEX1-0349671001 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A,Black
0349671002 MOLEX1-0349671002 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option B,Light Gray
0349671004 MOLEX1-0349671004 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option D,Stone Gray
0349671005 MOLEX1-0349671005 Datasheet
40Kb / 1P
   Mini50 Sealed Receptacle, Single Row, without CPA, 10 Circuits, Polarization Option A, Black
0349671005 MOLEX-0349671005 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, without CPA, 10 Circuits, Polarization Option A, Black
More results

Similar Description - 0349671003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349671007 MOLEX1-0349671007 Datasheet
40Kb / 1P
   Mini50 Sealed Receptacle, Single Row, without CPA, 10 Circuits, Polarization Option C, Dark Gray
0349674003 MOLEX1-0349674003 Datasheet
39Kb / 1P
   Mini50??Sealed Receptacle, Single Row, with CPA, 4 Circuits, Polarization Option C, Dark Gray
0349672003 MOLEX-0349672003 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 2 Circuits, Polarization Option C, Dark Gray
0349672007 MOLEX-0349672007 Datasheet
39Kb / 1P
   Mini50 Sealed Receptacle, Single Row, without CPA, 2 Circuits, Polarization Option C, Dark Gray
0349674007 MOLEX1-0349674007 Datasheet
38Kb / 1P
   Mini50 Sealed Receptacle, Single Row, without CPA, 4 Circuits, Polarization Option C, Dark Gray
0348948003 MOLEX-0348948003 Datasheet
43Kb / 1P
   Mini50 Sealed Receptacle Housing, Dual Row, with CPA, 16 Circuits, Polarization Option C, Dark Gray
0348944003 MOLEX-0348944003 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle Housing, Dual Row, with CPA, 8 Circuits, Polarization Option C, Dark Gray
0347915142 MOLEX1-0347915142 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 4 Circuits, Polarization Option C, Dark Gray
0348948011 MOLEX-0348948011 Datasheet
42Kb / 1P
   Mini50 Sealed Receptacle Housing, Dual Row, without CPA, 16 Circuits, Polarization Option C, Dark Gray
0348944011 MOLEX-0348944011 Datasheet
40Kb / 1P
   Mini50 Sealed Receptacle Housing, Dual Row, without CPA, 8 Circuits, Polarization Option C, Dark Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com