Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0348242162 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0348242162
Description  Mini50 Unsealed Receptacle, Dual Row, Bridged, with CPA, 16 Circuits, Polarization Option C, Dark Gray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0348242162 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0348242162 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/16/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0348242162
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed Receptacle, Dual Row, Bridged, with CPA, 16 Circuits, Polarization
Option C, Dark Gray
Documents:
3D Model
Application Specification AS-34791-020-FR-001
(PDF)
Drawing (PDF)
Packaging Specification PK-31301-538 (PDF)
Product Specification PS-34791-020-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-34791-020-001 (PDF)
Product Literature (PDF)
Application Specification AS-34791-020-CH-001
(PDF)
General
Product Family
Crimp Housings
Series
34824
Application
Power, Wire-to-Board
Overview
Mini50™ Connection Systems
Polarization
C
Product Literature Order No
987650-5442
Product Name
Mini50™
UPC
887191338804
Physical
Circuits (maximum)
16
Color - Resin
Gray (Dark)
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
PBT
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-34791-020-001, AS-34791-020-CH-001,
AS-34791-020-FR-001
Packaging Specification
PK-31301-538
Product Specification
PS-34791-020-001
Sales Drawing
SD-34824-003-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
34824 Series
Mates With
Mini50™ Vertical Headers 34825 , Mini50™
Right-Angle Through Hole Header 34826 ,
Mini50™ Right-Angle Surface Mount Header
34897
Use With
CTX50 Unsealed Terminals 560023
This document was generated on 05/16/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0348242162

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0348242160 MOLEX1-0348242160 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, with CPA, 16 Circuits, Polarization Option A, Black
0348242161 MOLEX1-0348242161 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, with CPA, 16 Circuits, Polarization Option B, Gray
More results

Similar Description - 0348242162

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0348242202 MOLEX1-0348242202 Datasheet
56Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, with CPA, 20 Circuits, Polarization Option C, Dark Gray
0348245126 MOLEX1-0348245126 Datasheet
50Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, with CPA, 12 Circuits, Polarization Option C, Dark Gray
0348241162 MOLEX1-0348241162 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, 16 Circuits, Polarization Option C,Dark Gray
0347915142 MOLEX1-0347915142 Datasheet
45Kb / 1P
   Mini50 Unsealed Receptacle, Single Row, Bridged, with CPA, 4 Circuits, Polarization Option C, Dark Gray
0348241242 MOLEX1-0348241242 Datasheet
57Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, 24 Circuits, Polarization Option C, Dark Gray
0348241126 MOLEX1-0348241126 Datasheet
51Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, 12 Circuits, Polarization Option C, Dark Gray
0348242161 MOLEX1-0348242161 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, with CPA, 16 Circuits, Polarization Option B, Gray
0348240242 MOLEX1-0348240242 Datasheet
57Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Non-Bridged, 24 Circuits, Polarization Option C, Dark Gray
0348240126 MOLEX1-0348240126 Datasheet
51Kb / 2P
   Mini50 Unsealed Receptacle, Dual Row, Non-Bridged, 12 Circuits, Polarization Option C, Dark Gray
0348242241 MOLEX1-0348242241 Datasheet
57Kb / 1P
   Mini50 Unsealed Receptacle, Dual Row, Bridged, with CPA, 24 Circuits, Polarization Option B, Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com