Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT79SR152H Datasheet(PDF) 2 Page - Texas Instruments

Part # PT79SR152H
Description  1.5 Amp Negative Step-Down Integrated Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT79SR152H Datasheet(HTML) 2 Page - Texas Instruments

  PT79SR152H Datasheet HTML 1Page - Texas Instruments PT79SR152H Datasheet HTML 2Page - Texas Instruments PT79SR152H Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
PT79SR105, -5.0 VDC
(See Note 1)
PT79SR112, -12.0 VDC (See Note 1)
PT79SR115, -15.0 VDC (See Note 1)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM soldered in a printed circuit board. (See Thermal Application Notes.)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
9V
10.0V
15.0V
20.0V
25.0V
30.0V
Vin
0
10
20
30
40
50
60
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
15.0V
10.0V
9V
Vin
0
0.5
1
1.5
2
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
15.0V
10.0V
9V
Vin
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
16.0V
20.0V
25.0V
30.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
16.0V
Vin
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
19.0V
21.0V
24.0V
27.0V
30.0V
Vin
0
30
60
90
120
150
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
27.0V
24.0V
21.0V
19.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
7
9 11 13 15 17 19 21 23 25 27 29 31
60˚C
70˚C
85˚C
50˚C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
15
17
19
21
23
25
27
29
31
60˚C
70˚C
85˚C
50˚C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
18
20
22
24
26
28
30
60˚C
70˚C
85˚C
50˚C
0
20
40
60
80
100
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
25.0V
20.0V
16.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.25
0.5
0.75
1
1.25
1.5
30.0V
27.0V
24.0V
21.0V
19.0V
Vin
PT79SR100 Series
-1.5 Amp Negative Step-Down
Integrated Switching Regulator


Similar Part No. - PT79SR152H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT79SR152H TI1-PT79SR152H Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
More results

Similar Description - PT79SR152H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT79SR100 TI-PT79SR100 Datasheet
222Kb / 3P
[Old version datasheet]   -1.5 AMP NEGATIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153 TI-78SR153 Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST100 TI-PT78ST100_07 Datasheet
177Kb / 7P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST105 TI1-PT78ST105 Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST100 TI-PT78ST100 Datasheet
159Kb / 4P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI-78SR100_07 Datasheet
193Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI-78SR100 Datasheet
214Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST100 TI-78ST100 Datasheet
229Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com