Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW20H60DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGW20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20H60DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGW20H60DF Datasheet HTML 7Page - STMicroelectronics STGW20H60DF Datasheet HTML 8Page - STMicroelectronics STGW20H60DF Datasheet HTML 9Page - STMicroelectronics STGW20H60DF Datasheet HTML 10Page - STMicroelectronics STGW20H60DF Datasheet HTML 11Page - STMicroelectronics STGW20H60DF Datasheet HTML 12Page - STMicroelectronics STGW20H60DF Datasheet HTML 13Page - STMicroelectronics STGW20H60DF Datasheet HTML 14Page - STMicroelectronics STGW20H60DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID024745 Rev 1
11/17
STGW20H60DF, STGWT20H60DF
Test circuits
3
Test circuits
Figure 20. Test circuit for inductive load
switching
Figure 21. Gate charge test circuit
Figure 22. Switching waveform
Figure 23. Diode recovery time waveform
AM01504v1
AM01505v1
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%
AM01507v1
IRRM
IF
di/dt
trr
ta
tb
Qrr
IRRM
t
VF
dv/dt


Similar Part No. - STGW20H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20H65FB STMICROELECTRONICS-STGW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
More results

Similar Description - STGW20H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
February 2017
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
February 2014 Rev 3
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com