Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW15S120DF3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW15S120DF3
Description  Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW15S120DF3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW15S120DF3 Datasheet HTML 3Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 4Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 5Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 6Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 7Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 8Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 9Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 10Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID026371 Rev 2
7/18
STGW15S120DF3, STGWA15S120DF3
Electrical characteristics curves
18
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
Figure 12. Normalized VGE(th) vs. junction
temperature
Figure 13. Normalized VBR(CES) vs. junction
temperature


Similar Part No. - STGW15S120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
More results

Similar Description - STGW15S120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
December 2014 Rev 2
STGW40S120DF3 STMICROELECTRONICS-STGW40S120DF3 Datasheet
724Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
December 2014 Rev 2
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
November 2014 Rev 3
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com