Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGP30H65F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP30H65F
Description  Low thermal resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H65F Datasheet(HTML) 4 Page - STMicroelectronics

  STGP30H65F Datasheet HTML 1Page - STMicroelectronics STGP30H65F Datasheet HTML 2Page - STMicroelectronics STGP30H65F Datasheet HTML 3Page - STMicroelectronics STGP30H65F Datasheet HTML 4Page - STMicroelectronics STGP30H65F Datasheet HTML 5Page - STMicroelectronics STGP30H65F Datasheet HTML 6Page - STMicroelectronics STGP30H65F Datasheet HTML 7Page - STMicroelectronics STGP30H65F Datasheet HTML 8Page - STMicroelectronics STGP30H65F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STGP30H65F
4/13
DocID025631 Rev 1
2
Electrical characteristics
T
J
= 25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V
(BR)CES
Collector-emitter breakdown voltage
(V
GE
= 0)
I
C
= 2 mA
650
V
V
CE(sat)
Collector-emitter saturation voltage
V
GE
= 15 V, I
C
= 30 A
2.0
2.4
V
V
GE
= 15 V, I
C
= 30 A
T
J
= 175 °C
2.4
V
V
GE(th)
Gate threshold voltage
V
CE
= V
GE
, I
C
= 1 mA
5.0
6.0
7.0
V
I
CES
Collector cut-off current (V
GE
= 0)
V
CE
= 650 V
25
μA
I
GES
Gate-emitter leakage
current (V
CE
= 0)
V
GE
= ± 20 V
250
nA
Table 5. Dynamic
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
C
ies
Input capacitance
V
CE
= 25 V, f = 1 MHz,
V
GE
= 0
-
3600
-
pF
C
oes
Output capacitance
130
pF
C
res
Reverse transfer capacitance
65
pF
Q
g
Total gate charge
V
CC
= 400 V, I
C
= 30 A,
V
GE
= 15 V
(see
Figure 20: Gate charge
test circuit)
-105
-
nC
Q
ge
Gate-emitter charge
-
30
-
nC
Q
gc
Gate-collector charge
-
35
-
nC


Similar Part No. - STGP30H65F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP30H60DF STMICROELECTRONICS-STGP30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGP30H60DFB STMICROELECTRONICS-STGP30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
More results

Similar Description - STGP30H65F

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com