Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW80V60F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW80V60F
Description  Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80V60F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW80V60F Datasheet HTML 5Page - STMicroelectronics STGW80V60F Datasheet HTML 6Page - STMicroelectronics STGW80V60F Datasheet HTML 7Page - STMicroelectronics STGW80V60F Datasheet HTML 8Page - STMicroelectronics STGW80V60F Datasheet HTML 9Page - STMicroelectronics STGW80V60F Datasheet HTML 10Page - STMicroelectronics STGW80V60F Datasheet HTML 11Page - STMicroelectronics STGW80V60F Datasheet HTML 12Page - STMicroelectronics STGW80V60F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID026386 Rev 1
9/19
STGFW80V60F, STGW80V60F, STGWT80V60F
Electrical characteristics
Figure 20. Switching loss vs temperature
Figure 21. Switching loss vs collector-emitter
voltage
Figure 22. Switching times vs. collector current Figure 23. Switching times vs. gate resistance
Figure 24. Transfer characteristics
E
1000
TJ(°C)
(μJ)
050
2000
3000
4000
100
150
EOFF
VCC= 400V, VGE= 15V,
RG= 10Ω, IC= 80A
EON
GIPD041120131424FSR
E
0
VCE(V)
(μJ)
150
350
2000
4000
6000
EOFF
TJ= 175°C, VGE= 15V,
RG= 10Ω, IC= 80A
EON
250
450
GIPD041120131428FSR
t
IC(A)
(ns)
20
40
60
10
80
tf
TJ= 175°C, VGE= 15V,
RG= 10Ω, VCC= 400V
tdoff
100
tr
tdon
100 120
140
GIPD041120131437FSR
t
10
RG(Ω)
(ns)
010
20
100
30
tf
TJ= 175°C, VGE= 15V,
IC= 80A, VCC= 400V
40
1000
tdon
tdoff
tr
GIPD041120131444FSR
IC
120
80
40
0
67
VGE(V)
(A)
89
TJ=175°C
TJ=-40°C
TJ=25°C
VCE=5V
GIPD041120131324FSR


Similar Part No. - STGW80V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results

Similar Description - STGW80V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 8
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
September 2016
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com