Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGFW40V60DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGFW40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40V60DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGFW40V60DF Datasheet HTML 2Page - STMicroelectronics STGFW40V60DF Datasheet HTML 3Page - STMicroelectronics STGFW40V60DF Datasheet HTML 4Page - STMicroelectronics STGFW40V60DF Datasheet HTML 5Page - STMicroelectronics STGFW40V60DF Datasheet HTML 6Page - STMicroelectronics STGFW40V60DF Datasheet HTML 7Page - STMicroelectronics STGFW40V60DF Datasheet HTML 8Page - STMicroelectronics STGFW40V60DF Datasheet HTML 9Page - STMicroelectronics STGFW40V60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STGFW40V60DF, STGW40V60DF, STGWT40V60DF
6/21
DocID024402 Rev 8
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature for TO-247 and TO-3P
Figure 3. Collector current vs. case temperature
for TO-247 and TO-3P
Figure 4. Power dissipation vs. case
temperature for TO-3PF
Figure 5. Collector current vs. case temperature
for TO-3PF
Figure 6. Output characteristics (TJ=25°C)
Figure 7. Output characteristics (TJ=175°C)
Ptot
150
100
50
0
0
50
100
(W)
25
75
125
200
250
150 175 TC(°C)
VGE= 15 V, TJ= 175 °C
AM17385v1
IC
30
20
10
0
0
50
TC(°C)
100
(A)
25
75
125
40
50
150 175
60
70
80
VGE= 15 V, TJ= 175 °C
AM17386v1
Ptot
30
20
10
0
0
50
100
(W)
25
75
125
40
50
150
TC(°C)
60
VGE= 15 V, TJ= 175 °C
AM17385v4
IC
15
10
5
0
0
50
TC(°C)
100
(A)
25
75
125
20
25
150
30
175
VGE= 15 V, TJ= 175 °C
AM17386v5
IC
80
60
20
0
0
1
3
(A)
2
4
100
120
VCE(V)
40
140
9V
11V
13V
VGE=15V
AM17387v1
IC
80
60
20
0
0
1
3
(A)
2
4
100
120
VCE(V)
40
140
9V
11V
13V
7V
VGE=15V
AM17388v1


Similar Part No. - STGFW40V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW40V60F STMICROELECTRONICS-STGFW40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
More results

Similar Description - STGFW40V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
September 2016
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com