Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW20V60F Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20V60F Datasheet(HTML) 3 Page - STMicroelectronics

  STGW20V60F Datasheet HTML 1Page - STMicroelectronics STGW20V60F Datasheet HTML 2Page - STMicroelectronics STGW20V60F Datasheet HTML 3Page - STMicroelectronics STGW20V60F Datasheet HTML 4Page - STMicroelectronics STGW20V60F Datasheet HTML 5Page - STMicroelectronics STGW20V60F Datasheet HTML 6Page - STMicroelectronics STGW20V60F Datasheet HTML 7Page - STMicroelectronics STGW20V60F Datasheet HTML 8Page - STMicroelectronics STGW20V60F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID024851 Rev 1
3/19
STGFW20V60F, STGW20V60F, STGWT20V60F
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-3PF
TO-247
TO-3P
V
CES
Collector-emitter voltage (V
GE
= 0)
600
V
I
C
Continuous collector current at T
C
= 25 °C
40
(1)
1.
Limited by maximum junction temperature.
40
A
I
C
Continuous collector current at T
C
= 100 °C
20
(1)
20
A
I
CP
(2)
2.
Pulse width limited by maximum junction temperature
Pulsed collector current
80
(1)
80
A
V
GE
Gate-emitter voltage
±20
V
P
TOT
Total dissipation at T
C
= 25 °C
52
167
W
V
ISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink (t = 1 s; Tc = 25 °C)
3.5
kV
T
STG
Storage temperature range
- 55 to 150
°C
T
J
Operating junction temperature
- 55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-3PF
TO-247
TO-3P
R
thJC
Thermal resistance junction-case
2.9
0.9
°C/W
R
thJA
Thermal resistance junction-ambient
50
°C/W


Similar Part No. - STGW20V60F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STGW20V60DF ETC2-STGW20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGW20V60DF STMICROELECTRONICS-STGW20V60DF Datasheet
2Mb / 23P
   Low thermal resistance
June 2013 Rev 3
More results

Similar Description - STGW20V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com