Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW20V60F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20V60F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW20V60F Datasheet HTML 5Page - STMicroelectronics STGW20V60F Datasheet HTML 6Page - STMicroelectronics STGW20V60F Datasheet HTML 7Page - STMicroelectronics STGW20V60F Datasheet HTML 8Page - STMicroelectronics STGW20V60F Datasheet HTML 9Page - STMicroelectronics STGW20V60F Datasheet HTML 10Page - STMicroelectronics STGW20V60F Datasheet HTML 11Page - STMicroelectronics STGW20V60F Datasheet HTML 12Page - STMicroelectronics STGW20V60F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID024851 Rev 1
9/19
STGFW20V60F, STGW20V60F, STGWT20V60F
Electrical characteristics
Figure 18. Switching losses vs. junction
temperature
Figure 19. Switching losses vs. collector
emitter voltage
Figure 20. Switching times vs. collector current Figure 21. Switching times vs. gate resistance
Figure 22. Transfer characteristics
AM17186v1
100
150
200
250
300
350
400
450
0
25
50
75
100 125 150 175
E (μJ)
TJ (ºC)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
I
C = 20 A, Rg= 10 Ω
AM17187v1
100
200
300
400
500
600
150
200
250
300
350
400
450
E (μJ)
Vce (V)
E
ON
E
OFF
V
GE= 15V, TJ = 175 °C
I
C = 20 A, Rg= 10 Ω
AM17188v1
1
10
100
010
20
30
40
ts (ns)
Ic (A)
V
CC = 400V, VGE = 15V,
Tj =175
°C, Rg = 10 Ω
t doff
t don
t r
t f
AM17189v1
t f
1
10
100
0
10203040
ts (ns)
Rg (Ω)
VCC= 400V, VGE= 15V,
Tj=175 °C Ic = 40 A
t doff
t don
t r
AM17173v1
TJ=175°C
10
20
30
40
50
60
70
78
9
10
11
IC (A)
VGE (V)
-40°C
25°C


Similar Part No. - STGW20V60F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STGW20V60DF ETC2-STGW20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGW20V60DF STMICROELECTRONICS-STGW20V60DF Datasheet
2Mb / 23P
   Low thermal resistance
June 2013 Rev 3
More results

Similar Description - STGW20V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com