Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW20V60F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20V60F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW20V60F Datasheet HTML 3Page - STMicroelectronics STGW20V60F Datasheet HTML 4Page - STMicroelectronics STGW20V60F Datasheet HTML 5Page - STMicroelectronics STGW20V60F Datasheet HTML 6Page - STMicroelectronics STGW20V60F Datasheet HTML 7Page - STMicroelectronics STGW20V60F Datasheet HTML 8Page - STMicroelectronics STGW20V60F Datasheet HTML 9Page - STMicroelectronics STGW20V60F Datasheet HTML 10Page - STMicroelectronics STGW20V60F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID024851 Rev 1
7/19
STGFW20V60F, STGW20V60F, STGWT20V60F
Electrical characteristics
Figure 6. Output characteristics (TJ = 25 °C)
Figure 7. Output characteristics (TJ = 175 °C)
Figure 8. VCE(SAT) vs. junction temperature
Figure 9. VCE(SAT) vs. collector current
Figure 10. Safe operating area for TO-247 and
TO-3P
Figure 11. Safe operating area for TO-3PF
AM17171v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
01234
Ic (A)
VCE (V)
VGE =7 V
AM17172v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
01234
Ic (A)
VCE (V)
VGE =7 V
AM17176v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50 -25 0
25 50 75 100 125 150 175
VCE(sat)
(V)
TJ(ºC)
I
C 40A
I
C = 20A
I
C = 10A
V
GE = 15V
AM17177v1
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
1020304050607080
VCE(sat)
(V)
IC (A)
T
J = 25 °C
T
J = - 40°C
T
J = 175°C
V
GE =15V
AM17179v1
0.01
0.1
1
10
110
100
IC (A)
VCE (V)
10 μs
100 μs
1 ms
(single pulse T
C =25 °C,
T
J <=175 °C; VGE =15 V)
10 µs
100 µs
1 ms
(single pulse TC=25°C,
TJ<=175°C; VGE=15V)
AM17179v2
0.01
0.1
1
10
110
100
IC (A)
VCE (V)


Similar Part No. - STGW20V60F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STGW20V60DF ETC2-STGW20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGW20V60DF STMICROELECTRONICS-STGW20V60DF Datasheet
2Mb / 23P
   Low thermal resistance
June 2013 Rev 3
More results

Similar Description - STGW20V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com