Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGP100N30 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGP100N30
Description  90 A - 330 V - fast IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP100N30 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGP100N30 Datasheet HTML 5Page - STMicroelectronics STGP100N30 Datasheet HTML 6Page - STMicroelectronics STGP100N30 Datasheet HTML 7Page - STMicroelectronics STGP100N30 Datasheet HTML 8Page - STMicroelectronics STGP100N30 Datasheet HTML 9Page - STMicroelectronics STGP100N30 Datasheet HTML 10Page - STMicroelectronics STGP100N30 Datasheet HTML 11Page - STMicroelectronics STGP100N30 Datasheet HTML 12Page - STMicroelectronics STGP100N30 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STGF100N30, STGP100N30, STGW100N30
10/13
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116


Similar Part No. - STGP100N30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10H60DF STMICROELECTRONICS-STGP10H60DF Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, H series 600 V, 10 A high speed
October 2013 Rev 2
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGP10M65DF2 STMICROELECTRONICS-STGP10M65DF2 Datasheet
945Kb / 18P
   Trench gate field-stop IGBT, M series 650 V, 10 A low loss
STGP10N60 STMICROELECTRONICS-STGP10N60 Datasheet
88Kb / 8P
   N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT
More results

Similar Description - STGP100N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33ATD FAIRCHILD-FGA180N33ATD_13 Datasheet
655Kb / 9P
   330 V PDP Trench IGBT
logo
STMicroelectronics
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
   10 A, 600 V fast IGBT
December 2010 Rev 2
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
   30 A - 1200 V - very fast IGBT
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com