Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGP19NC60SD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP19NC60SD
Description  20 A, 600 V fast IGBT with Ultrafast diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60SD Datasheet(HTML) 5 Page - STMicroelectronics

  STGP19NC60SD Datasheet HTML 1Page - STMicroelectronics STGP19NC60SD Datasheet HTML 2Page - STMicroelectronics STGP19NC60SD Datasheet HTML 3Page - STMicroelectronics STGP19NC60SD Datasheet HTML 4Page - STMicroelectronics STGP19NC60SD Datasheet HTML 5Page - STMicroelectronics STGP19NC60SD Datasheet HTML 6Page - STMicroelectronics STGP19NC60SD Datasheet HTML 7Page - STMicroelectronics STGP19NC60SD Datasheet HTML 8Page - STMicroelectronics STGP19NC60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STGF19NC60SD, STGP19NC60SD
Electrical characteristics
Doc ID 13689 Rev 4
5/15
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Figure 21
-
17.5
6.2
1870
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 21
-
17
6.5
1700
-
ns
ns
A/µs
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Figure 21
-
90
175
215
-
ns
ns
ns
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 480V, IC = 12A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 21
-
155
245
290
-
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
Eoff
(1)
Ets
1.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480 V, IC = 12 A
RG= 10 Ω, VGE= 15 V,
Figure 19
-
135
815
995
-
µJ
µJ
µJ
Eon
Eoff
(1)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480 V, IC = 12 A
RG= 10 Ω, VGE= 15 V,
Tj = 125 °C
Figure 19
-
200
1175
1375
-
µJ
µJ
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on-voltage
IF = 12 A
IF = 12 A, Tj = 125 °C
2.3
2.0
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 12 A, VR =40 V,
di/dt=100 A/µs
Figure 22
31
29.5
1.9
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 12 A, VR =40 V,
di/dt=100 A/µs, Tj = 125 °C
Figure 22
48.5
70.5
3
ns
nC
A


Similar Part No. - STGP19NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP19NC60S STMICROELECTRONICS-STGP19NC60S Datasheet
289Kb / 14P
   N-channel 600V - 20A - TO-220 Medium frequency PowerMESH IGBT
STGP19NC60S STMICROELECTRONICS-STGP19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
More results

Similar Description - STGP19NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
   N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Rev 10 June 2012
logo
Sanken electric
MGD622 SANKEN-MGD622 Datasheet
362Kb / 13P
   VCE = 600 V, IC = 20 A Trench IGBT with Fast Recovery Diode
logo
STMicroelectronics
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com