Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65LVDS047 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN65LVDS047
Description  LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS047 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS047 Datasheet HTML 2Page - Texas Instruments SN65LVDS047 Datasheet HTML 3Page - Texas Instruments SN65LVDS047 Datasheet HTML 4Page - Texas Instruments SN65LVDS047 Datasheet HTML 5Page - Texas Instruments SN65LVDS047 Datasheet HTML 6Page - Texas Instruments SN65LVDS047 Datasheet HTML 7Page - Texas Instruments SN65LVDS047 Datasheet HTML 8Page - Texas Instruments SN65LVDS047 Datasheet HTML 9Page - Texas Instruments SN65LVDS047 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN65LVDS047
LVDS QUAD DIFFERENTIAL LINE DRIVER
SLLS416B − JUNE 2000 − REVISED DECEMBER 2003
6
WWW.TI.COM
PARAMETER MEASUREMENT INFORMATION
DIN
D
CL
CL
DOUT+
DOUT−
1.2 V
50
50
50
Generator
EN
EN
VCC
GND
1/4 65LVDS047
Figure 4. Driver 3-State Delay Test Circuit
1.5 V
1.5 V
50%
50%
50%
50%
tPHZ
tPZH
tPLZ
tPZL
EN When EN = GND or Open
EN When EN = VCC
DOUT+ When DIN = VCC
DOUT− When DIN = GND
DOUT+ When DIN = GND
DOUT− When DIN = VCC
3 V
0 V
3 V
0 V
1.5 V
1.5 V
VOH
1.2 V
1.2 V
VOL
Figure 5. Driver 3-State Delay Waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV031B 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90C031 LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90C031B LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90LV031A-X 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
STLVDS47 3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More STMicroelectronics
TDA7237 QUAD DIFFERENTIAL LINE DRIVER 1  2  3  4  5  STMicroelectronics
MAX9123 Quad LVDS Line Driver with Flow-Through Pinout 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn