Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF28100M Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # UF28100M
Description  RF Power MOSFET Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF28100M Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  UF28100M_17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF28100M_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF28100M_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. UF28100M_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Power MOSFET Transistor
100W, 100-500 MHz, 28V
Rev. V1
UF28100M
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
N-channel enhancement mode device
DMOS structure
Lower capacitances for broadband operation
High saturated output power
Lower noise figure than competitive devices
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Symbol
Units
Drain-Source Voltage
65
VDS
V
Gate-Source Voltage
20
VGS
V
Drain-Source Current
12*
IDS
A
Power Dissipation
250
PD
W
Junction Temperature
200
TJ
°C
Storage Temperature
-55 to +150
TSTG
°C
Thermal Resistance
0.7
θJC
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 15.0 mA
Drain-Source Leakage Current
IDSS
-
3.0
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
3.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 300.0 mA
Forward Transconductance
GM
1.5
-
S
VDS = 10.0 V , IDS 3000.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
135
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
90
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
24
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
10
-
dB
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
Drain Efficiency
ŋD
50
-
%
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
Return Loss
RL
10
-
dB
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
Load Mismatch Tolerance
VSWR-T
-
30:1
-
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
100
4.5-j6.0
14.5+j0.5
300
2.25-j1.75
7.5j1.0
500
1.5+j5.5
3.5+j3.5
VDD=28V, IDQ=600 Ma, POUT =100.0 W
TYPICAL DEVICE IMPEDANCES
ZIN is the series equivalent input impedance of the device from gate to gate.
ZLOAD is the optimum series equivalent load impedance as measured from drain to drain.
*Per side
PACKAGE OUTLINE


Similar Part No. - UF28100M_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
UF28100M MA-COM-UF28100M_15 Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
More results

Similar Description - UF28100M_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
   RF Power MOSFET Transistor
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF2840G MA-COM-UF2840G_17 Datasheet
663Kb / 4P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_17 Datasheet
620Kb / 4P
   RF Power MOSFET Transistor
UF2820R MA-COM-UF2820R_17 Datasheet
643Kb / 4P
   RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor
DU2860T MA-COM-DU2860T Datasheet
161Kb / 3P
   RF Power MOSFET Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com