Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKN4212AS90 Datasheet(PDF) 6 Page - International Rectifier

Part # IRKN4212AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKN4212AS90 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRKN4212AS90 Datasheet HTML 2Page - International Rectifier IRKN4212AS90 Datasheet HTML 3Page - International Rectifier IRKN4212AS90 Datasheet HTML 4Page - International Rectifier IRKN4212AS90 Datasheet HTML 5Page - International Rectifier IRKN4212AS90 Datasheet HTML 6Page - International Rectifier IRKN4212AS90 Datasheet HTML 7Page - International Rectifier IRKN4212AS90 Datasheet HTML 8Page - International Rectifier IRKN4212AS90 Datasheet HTML 9Page - International Rectifier IRKN4212AS90 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRK.41, .56 Series
6
Bulletin I27131 rev. G 10/02
www.irf.com
Fig. 9 - On-state Power Loss Characteristics
Fig. 8 - On-state Power Loss Characteristics
Fig. 7 - On-state Power Loss Characteristics
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1.5 K/W
1 K/W
0.7
K/W
0.5
K/W
0.3
K/W
0
50
100
150
200
250
300
350
020
40
60
80
100
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x IRK.41.. Series
Single Phase Bridge
Connected
T = 125°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1 K/W
0.7 K/
W
0.5 K
/W
0.3
K/W
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100 120
140
Total Output Current (A)
120°
(Rect)
3 x IRK.41.. Series
Three Phase Bridge
Connected
T = 125°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
3 K/W
2 K/W
1.5
K/W
5 K/W
0
20
40
60
80
100
120
140
020
40
60
80
100
180°
120°
90°
60°
30°
Total RMS Output Current (A)
Conduction Angle
IRK.41.. Series
Per Module
T = 125°C
J


Similar Part No. - IRKN4212AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKN71-04A IRF-IRKN71-04A Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN71-04AS90 IRF-IRKN71-04AS90 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN71-06A IRF-IRKN71-06A Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN71-06AS90 IRF-IRKN71-06AS90 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKN71-08A IRF-IRKN71-08A Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKN4212AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com