Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU6T201A1 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # DU6T201A1
Description  10/100Base-T RJ45 2x6 Integrated Magnetics Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

DU6T201A1 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  DU6T201A1 Datasheet HTML 1Page - Bothhand USA, LP. DU6T201A1 Datasheet HTML 2Page - Bothhand USA, LP. DU6T201A1 Datasheet HTML 3Page - Bothhand USA, LP. DU6T201A1 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
“LAN-MATE” SERIES Description:
10/100Base-T RJ45 2x6 Integrated Magnetics Connector
BOTHHAND
USA
10/100 BASE-T MAGNETICS
Page 1 of 4
Bothhand USA
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http://www.bothhandusa.com
Complies with requirement of IEEE 802.3u standards.
RJ-45 connector integrated with transformer/impedance
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board space.
Reduced EMI radiation to improve EMI performance.
Design for 10/100 BASE transmission over UTP-5 cable
Compliance with ROHS requirements.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +85℃.
T
Electrical specifications @ 25℃
Turns Ratio
(±2%)
DCMR
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@ 100 KHz/0.1V
with 8mA DC Bias 0.3-30MHz
60MHz
100MHz
HI-POT
(Vrms)
pri : sec
DU6T201A1
1CT: 1CT
1CT: 1CT
350
-50
-45
-40
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
Insertion Loss
(dB Max)
Number
1-30MHz
40MHz
50MHz
60-80MHz
0.5-10MHz 30MHz
50MHz 100MHz
1-100MHz
DU6T201A1
-18
-16
-14.08
-12.5
-50
-40
-35
-30
-1.0
For customized parts or more detailed information, please log on
www.bothhandusa.com or write to sales@bothhandusa.com
176


Similar Part No. - DU6T201A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU66 ETC2-DU66 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
logo
Tyco Electronics
DU6629 MACOM-DU6629 Datasheet
377Kb / 3P
   SMD Unshielded Power Inductor Series
More results

Similar Description - DU6T201A1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
DU1D201A1 BOTHHAND-DU1D201A1 Datasheet
407Kb / 5P
   10/100Base-T RJ45 2x1 Integrated Magnetics Connector
DA6T001A3 BOTHHAND-DA6T001A3 Datasheet
423Kb / 4P
   10/100/1000 Base-T RJ45 2x6 Integrated Magnetics Connector
logo
XFMRS Inc.
XFATM3B XFMRS-XFATM3B_15 Datasheet
50Kb / 1P
   10/100BASE-T MAGNETICS MODULE
XFATM6PM XFMRS-XFATM6PM Datasheet
43Kb / 1P
   10/100BASE-T MAGNETICS MODULES
XF35066B1 XFMRS-XF35066B1 Datasheet
53Kb / 1P
   10/100BASE-T MAGNETICS MODULES
logo
LinkCom Manufacturing C...
LAN1851-50 LINKCOM-LAN1851-50 Datasheet
76Kb / 1P
   10/100BASE-T Magnetics Module
logo
Bel Fuse Inc.
S558-5999-W2-F BEL-S558-5999-W2-F Datasheet
102Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-T7-F BEL-S558-5999-T7-F Datasheet
98Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-U1 BEL-S558-5999-U1 Datasheet
32Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-30 BEL-S558-5999-30_1 Datasheet
91Kb / 4P
   10/100BASE-T LAN MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com