Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2010KR-7W10RL Datasheet(PDF) 3 Page - YAGEO Corporation

Part # SR2010KR-7W10RL
Description  SURGE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR2010KR-7W10RL Datasheet(HTML) 3 Page - YAGEO Corporation

  SR2010KR-7W10RL Datasheet HTML 1Page - YAGEO Corporation SR2010KR-7W10RL Datasheet HTML 2Page - YAGEO Corporation SR2010KR-7W10RL Datasheet HTML 3Page - YAGEO Corporation SR2010KR-7W10RL Datasheet HTML 4Page - YAGEO Corporation SR2010KR-7W10RL Datasheet HTML 5Page - YAGEO Corporation SR2010KR-7W10RL Datasheet HTML 6Page - YAGEO Corporation SR2010KR-7W10RL Datasheet HTML 7Page - YAGEO Corporation SR2010KR-7W10RL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 11, 2016 V.5
Product specification
3
8
SERIES
SR
0402/0603/0805/1206/1210/1218/2010/2512
MARKING
SR0402
No Marking
SR1218
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
SR0603 / SR0805 / SR1206 / SR1210 / SR2010 / SR2512
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
NOTE
For further marking information, please refer to data sheet “Chip resistors marking”.
Fig. 3
Value=10 KΩ
03
Fig. 2
Value=10 KΩ
CONSTRUCTION
The resistor is constructed on top of a high-grade
ceramic body. Internal metal electrodes are added at
each end and connected by a resistive glaze. The
resistive glaze is covered by a lead-free glass. The
composition of the glaze is adjusted to give the
approximately required resistance value. The whole
element is covered by a protective overcoat. The
top of overcoat is marked with the resistance value.
Finally, the two external terminations (Ni/matte tin)
are added, as shown in Fig.4.
Fig. 4 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
Fig. 1
DIMENSIONS
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
SR0402
1.00±0.05
0.50±0.05
0.35±0.05
0.20±0.10
0.25±0.10
SR0603
1.60±0.10
0.80±0.10
0.45±0.10
0.25±0.15
0.25±0.15
SR0805
2.00 ±0.10
1.25 ±0.10
0.50 ±0.10
0.35 ±0.20
0.35 ±0.20
SR1206
3.10 ±0.10
1.60 ±0.10
0.55 ±0.10
0.45 ±0.20
0.40 ±0.20
SR1210
3.10±0.10
2.60±0.15
0.50±0.10
0.45±0.15
0.50±0.20
SR1218
3.10 ±0.10
4.60 ±0.10
0.55 ±0.10
0.45 ±0.20
0.40 ±0.20
SR2010
5.00 ±0.10
2.50 ±0.15
0.55 ±0.10
0.55 ±0.15
0.50 ±0.20
SR2512
6.35 ±0.10
3.10 ±0.15
0.55 ±0.10
0.60 ±0.20
0.50 ±0.20
Table 1


Similar Part No. - SR2010KR-7W10RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR2010KR-7W10RL YAGEO-SR2010KR-7W10RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
More results

Similar Description - SR2010KR-7W10RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
SR0402DR-071RL YAGEO-SR0402DR-071RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com