Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1218DR-7T97K6L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # SR1218DR-7T97K6L
Description  SURGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR1218DR-7T97K6L Datasheet(HTML) 7 Page - YAGEO Corporation

  SR1218DR-7T97K6L Datasheet HTML 1Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 2Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 3Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 4Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 5Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 6Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 7Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 8Page - YAGEO Corporation SR1218DR-7T97K6L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 11, 2016 V.1
Product specification
7
9
SERIES
SR
0402/0603/0805/1206/1210/1218/2010/2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Coefficient of
Resistance (T.C.R.)
MIL-STD-202 Method 304
At +25/–55 °C and +25/+125 °C
Refer to table 2
Formula:
T.C.R= ------------------------- × 106 (ppm/°C)
Where
t1= +25 °C or specified room temperature
t2= –55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Short Time Overload
IEC60115-1 4.13
2.5 times of rated voltage or maximum overload
voltage whichever is less for 5 sec
at room temperature
± (2.0%+0.05 Ω)
High Temperature
Exposure
IEC 60068-2-2
1,000 hours at TA = 155 °C ± 5 °C, unpowered
± (2.0%+0.05 Ω)
Humidity
IEC 60115-1 4.24.2
Steady state for 1,000 hours at 40 °C / 95% R.H.
RCWV applied for 1.5 hours on and 0.5 hour off
± (3.0%+0.05 Ω)
Life
IEC 60115-1 4.25.1
MIL-STD-202 Method 108
1,000 hours at 70± 2 °C, RCWV applied for 1.5
hours on, 0.5 hour off, still-air required
± (2.0%+0.05 Ω)
Resistance to
Soldering Heat
IEC 60115-1 4.18
MIL-STD- 202 Method 210
Condition B, no pre-heat of samples
Lead-free solder, 260± 5 °C, 10± 1 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
± (1.0%+0.05 Ω)
No visible damage
Temperature Cycling
JESD22-A104C
-55/+125 °C for 1 cycle per hour, with 1,000 cycles.
Devices mounted
± (1.0%+0.05 Ω)
Table 4 Test condition, procedure and requirements
R2–R1
R1(t2–t1)


Similar Part No. - SR1218DR-7T97K6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR1218JK-07100KL YAGEO-SR1218JK-07100KL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR1218JK-07100KL YAGEO-SR1218JK-07100KL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
SR1218JK-07100RL YAGEO-SR1218JK-07100RL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR1218JK-07100RL YAGEO-SR1218JK-07100RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
SR1218JK-0710KL YAGEO-SR1218JK-0710KL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR1218DR-7T97K6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0402JR-071RL YAGEO-SR0402JR-071RL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com