Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P242W-BK Datasheet(PDF) 1 Page - NEC

Part # P242W-BK
Description  NEC LCD 24" Professional Desktop Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P242W-BK Datasheet(HTML) 1 Page - NEC

  P242W-BK Datasheet HTML 1Page - NEC P242W-BK Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document is © copyright 2014 NEC Australia
au.nec.com
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are excepted. 31.07.2014
NEC P242W-BK
Order Code: P242W-BK
NEC LCD 24" Professional Desktop Display
The NEC MultiSync® P242W delivers outstanding image
quality with class-leading ergonomics for demanding
professional applications. 15 cm height adjust, latest
DisplayPort connector, Digital Uniformity Control, integrated
USB hub and Picture-in- Picture give advanced users all the
flexibility and image quality to ensure highest personal
productivity. This outstanding display cabinet has won the
prestigious iF Design Award.
The ideal display for professional design, CAD-CAM, finance,
demanding office and industrial applications (e.g. NDT).
DELIVERING GENUINE BENEFITS
Ergonomic Office - full height adjustability (150 mm), swivel,
tilt and pivot functionality ensures perfect individual ergonomic
set-up.
Extraordinary Features - such as Digital Uniformity Control,
Picture-in-Picture, USB Hub, 3D LUT colour space emulation,
backlight ageing correction, DisplayPort.
Future-proof Connectivity - as well as easier support of high
resolution and HDMI signals, 10-bit colour input signals is
assured with the DisplayPort connector.
Improved Productivity and Reduced Desk Clutter - through
easy multi-platform support and input following USB hub.
Picture-by-picture allows two different platforms to be
simultaneously viewed. A single mouse and keyboard can be
switched to the active operating system.
Image display - 24inch 16:10 IPS with LED backlight.
DICOM preset - for medical radiological review applications.
OUTSTANDING PERFORMANCE
Ergonomic and Improved Productivity. Suitable for long and intensive working with
150 mm height adjust, IPS viewing angle stability, advanced NTAA, integrated grab
handle and quick release stand.
Colour Space Emulation. Each input can be assigned independently to the 3D LUT
(9x9x9) to define a unique colour space e.g. sRGB as well as smooth colour grading
with the 14-bit LUT.
Integrated USB Hub (2 up; 3 down) can be used to attach USB peripherals such as
mouse and keyboard. At the same time the 2 up connectors can be assigned to
different video inputs (input following), which may be feeding the Picture-in-Picture
function. Since the USB standard is supported by various platforms easy support is
assured when using simultaneous heterogeneous environment.
Cabinet and Stand Design allow a very reduced packaging footprint compared to
similar displays.
DisplayPort, compact and features an built-in locking mechanism, which can be
disengaged with a simple button press. Longer cable lengths and 10-bit input colour
support ensure that application flexibility is enhanced.
Responsible Approach to Environmental Impact is maintained, without any
performance compromise: ambient light sensor, Carbon Footprint Meter / Carbon
Savings Meter and efficient cabinet packing design.


Similar Part No. - P242W-BK

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
P242-155.52 CONNOR-WINFIELD-P242-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
RCD COMPONENTS INC.
P2420-1000NS-101 RCD-P2420-1000NS-101 Datasheet
96Kb / 1P
   PASSIVE DIP DELAY LINES, TAPPED
P2420-1000NS-201 RCD-P2420-1000NS-201 Datasheet
96Kb / 1P
   PASSIVE DIP DELAY LINES, TAPPED
P2420-1000NS-50R RCD-P2420-1000NS-50R Datasheet
96Kb / 1P
   PASSIVE DIP DELAY LINES, TAPPED
P2420-100NS-101 RCD-P2420-100NS-101 Datasheet
96Kb / 1P
   PASSIVE DIP DELAY LINES, TAPPED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com