Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87360 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87360 Datasheet HTML 1Page - National Semiconductor (TI) PC87360 Datasheet HTML 2Page - National Semiconductor (TI) PC87360 Datasheet HTML 3Page - National Semiconductor (TI) PC87360 Datasheet HTML 4Page - National Semiconductor (TI) PC87360 Datasheet HTML 5Page - National Semiconductor (TI) PC87360 Datasheet HTML 6Page - National Semiconductor (TI) PC87360 Datasheet HTML 7Page - National Semiconductor (TI) PC87360 Datasheet HTML 8Page - National Semiconductor (TI) PC87360 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 168 page
background image
2
www.national.com
Features
LPC System Interface
— Synchronous cycles, up to 33 MHz bus clock
— 8-bit I/O cycles
— Up to four DMA channels
— 8-bit DMA cycles
— Basic read, write and DMA bus cycles are 13 clock
cycles long
Protection
— Access lock to I/O ports (XLOCK)
— GPIO lock
— Pin configuration lock
45 General-Purpose I/O (GPIO) Ports
— 37 standard, with Assert IRQ/SMI/PWUREQ for 23
ports
— 8 VSB-powered
— Programmable drive type for each output pin (open-
drain, push-pull or output disable)
— Programmable option for internal pull-up resistor on
each input pin
— Output lock option
— Input debounce mechanism
PC99 and ACPI Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
t
Relocatable base address
t
15 IRQ routing options
t
4 optional 8-bit DMA channels (where applicable)
Fan Speed Control and Fan Speed Monitor (FSCM)
— Supports different fan types
— Speed monitoring for two fans
t
Digital filtering of the tachometer input signal
t
Alarm for fan slower than programmable thresh-
old speed
t
Alarm for fan stop
— Two speed control lines with Pulse Width Modulation
(PWM)
t
Output signal in the range of 6 Hz to 93.75 KHz
t
Duty cycle resolution of 1/256
Interrupt Serializer
— 11 Parallel IRQs to Serial IRQ
Floppy Disk Controller (FDC)
— Programmable write protect
— FM and MFM mode support
— Enhanced mode command for three-mode Floppy
Disk Drive (FDD) support
— Perpendicular recording drive support for 2.88 MB
— Burst and non-burst modes
— Full support for IBM Tape Drive register (TDR) im-
plementation of AT and PS/2 drive types
— 16-byte FIFO
— Software compatible with the PC8477, which con-
tains a superset of the FDC functions in the
microDP8473, the NEC microPD765A and the
N82077
— High-performance, digital separator
— Standard 5.25” and 3.5” FDD support
Parallel Port
— Software or hardware control
— Enhanced Parallel Port (EPP) compatible with new
version EPP 1.9 and IEEE 1284 compliant
— EPP support for version EPP 1.7 of the Xircom spec-
ification
— EPP support as mode 4 of the Extended Capabilities
Port (ECP)
— IEEE 1284 compliant ECP, including level 2
— Selection of internal pull-up or pull-down resistor for
Paper End (PE) pin
— PCI bus utilization reduction by supporting a de-
mand DMA mode mechanism and a DMA fairness
mechanism
— Protection circuit that prevents damage to the paral-
lel port when a printer connected to it powers up or
is operated at high voltages, even if the device is in
power-down
— Output buffers that can sink and source 14 mA
Serial Port 1 (UART1)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
Serial Port 2 with Infrared (UART2)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
— HP-SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA and RECS 80
— Non-standard DMA support
− 1 or 2 channels
— PnP dongle support
Keyboard and Mouse Controller (KBC)
— 8-bit microcontroller
— Software compatible with the 8042AH and PC87911
microcontrollers
— 2 KB custom-designed program ROM
— 256 bytes RAM for data
— Five programmable dedicated open-drain I/O lines
— Asynchronous access to two data registers and one
status register during normal operation
— Support for both interrupt and polling
— 93 instructions
— 8-bit timer/counter
— Support for binary and BCD arithmetic
— Operation at 8 MHz,12 MHz or 16 MHz (programma-
ble option)


Similar Part No. - PC87360

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87363 NSC-PC87363 Datasheet
2Mb / 200P
   128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PC87363-XXX/VLA NSC-PC87363-XXX/VLA Datasheet
2Mb / 200P
   128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PC87364 NSC-PC87364 Datasheet
1Mb / 180P
   128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PC87364-XXX/VLA NSC-PC87364-XXX/VLA Datasheet
1Mb / 180P
   128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
   128-Pin LPC SuperI/O with System Hardware Monitoring
More results

Similar Description - PC87360

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87364 NSC-PC87364 Datasheet
1Mb / 180P
   128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
   128-Pin LPC SuperI/O with System Hardware Monitoring
PC87363 NSC-PC87363 Datasheet
2Mb / 200P
   128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PC87366 NSC-PC87366 Datasheet
2Mb / 240P
   128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
   LPC SuperI/O with Glue Functions
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
   LPC SuperI/O with Glue Functions
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
   100-Pin LPC SuperI/O Devices for Portable Applications
logo
SMSC Corporation
LPC47M14X SMSC-LPC47M14X Datasheet
1Mb / 205P
   128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com