Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD3082EDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD3082EDR
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75HVD3082EDR Datasheet(HTML) 4 Page - Texas Instruments

  SN75HVD3082EDR Datasheet HTML 1Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 2Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 3Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 4Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 5Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 6Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 7Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 8Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: SN65HVD3082E SN75HVD3082E SN65HVD3085E SN65HVD3088E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
6.3 Recommended Operating Conditions
over operating free-air temperature range unless otherwise noted
(1)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5.5
V
Voltage at any bus terminal (separately or common mode) , VI
–7
12
High-level input voltage (D, DE, or RE inputs), VIH
2
VCC
V
Low-level input voltage (D, DE, or RE inputs), VIL
0
0.8
V
Differential input voltage, VID
–12
12
V
Output current, IO
Driver
–60
60
mA
Receiver
–8
8
Differential load resistance, RL
54
60
Signaling rate, 1/tUI
SN65HVD3082E, SN75HVD3082E
0.2
Mbps
SN65HVD3085E
1
SN65HVD3088E
20
Operating free-air temperature, TA
SN65HVD3082E (D package)
–40
105
°C
SN65HVD3082E (DGK and P packages),
SN65HVD3085E, SN65HVD3088E
–40
85
SN75HVD3082E
0
70
Junction temperature, TJ
–40
130
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN65HVD3082E, SN75HVD3082E,
SN65HVD3085E, SN65HVD3088E
SN65HVD3082E,
SN65HVD3088E
UNIT
D (SOIC)
DGK (VSSOP)
P (PDIP)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
130
180
70
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
80
66
80
°C/W
RθJB
Junction-to-board thermal resistance
55
110
40
°C/W
ψJT
Junction-to-top characterization parameter
7.9
4.6
17.6
°C/W
ψJB
Junction-to-board characterization parameter
47
73.1
28.3
°C/W


Similar Part No. - SN75HVD3082EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082EDR TI-SN75HVD3082EDR Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EDR TI-SN75HVD3082EDR Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDR TI1-SN75HVD3082EDR Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN75HVD3082EDR TI-SN75HVD3082EDR Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN75HVD3082EDRG4 TI-SN75HVD3082EDRG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN75HVD3082EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com