Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5086 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5086 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5086 Datasheet HTML 1Page - Texas Instruments TAS5086 Datasheet HTML 2Page - Texas Instruments TAS5086 Datasheet HTML 3Page - Texas Instruments TAS5086 Datasheet HTML 4Page - Texas Instruments TAS5086 Datasheet HTML 5Page - Texas Instruments TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
DESCRIPTION
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The TAS5086 is a six-channel digital pulse-width modulator (PWM) that provides both advanced performance
and a high level of system integration. The TAS5086 is designed to interface seamlessly with most audio digital
signal processors and MPEG decoders, accepting a wide range of input data and clock formats.
The TAS5086 drives six channels of speakers in either single-ended or bridge-tied load configurations that
accept a 1N + 1 interface format. The TAS5086 also supports 2N + 1 power stages with the use of some
external logic (e.g., TAS5112). Stereo line out in I2S format is available with either a pass-through signal (SDIN4)
or an internal downmix.
The TAS5086 uses AD modulation operating at a 384-kHz switching rate for 32-, 44.1-, 48-, 88.2-, 96-, 176.4-,
and 192-kHz data. The 8× oversampling, combined with the 4th-order noise shaper, provides a broad, flat noise
floor and excellent dynamic range from 20 Hz to 20 kHz.
The TAS5086 is only an I2C slave device, which always receives MCLK, SCLK, and LRCLK from other system
components. The TAS5086 accepts clock rates of 128, 192, 256, 384, and 512 fS. The TAS5086 accepts a 64-fS
master clock for 176.4-kHz and 192-kHz data.
The TAS5086 accepts a 64-fS bit clock for all data rates. The TAS5086 also can accept a 48-fS SCLK rate for
MCLK ratios of 192 fS and 384 fS.
The TAS5086 is composed of five functional blocks.
• Power supply
• Clock, PLL, and serial data interface
• Serial control interface
• Device control
• PWM section
For detailed application information, see the Using the PurePath Digital PWM Processor application report
(SLEA046).
Figure 1 shows the functional structure of the TAS5086.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086


Similar Part No. - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086 Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBT TI-TAS5086DBT Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBTG4 TI-TAS5086DBTG4 Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBTR TI-TAS5086DBTR Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
More results

Similar Description - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
[Old version datasheet]   PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086_06 Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5026 TI-TAS5026 Datasheet
689Kb / 48P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036 TI-TAS5036 Datasheet
713Kb / 49P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
[Old version datasheet]   SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com