Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS83CZQLR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LVDS83CZQLR
Description  FLATLINK TRANSMITTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS83CZQLR Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS83CZQLR Datasheet HTML 1Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 2Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 3Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 4Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 5Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 6Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 7Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 8Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
swive
l
SN75LVDS83C
FlatLink Transmitter
TM
BGA Package: 4.5 x 7mm
Application
processor
(e.g. OMAP )
TM
SN75LVDS83C
www.ti.com
SLLSE66A
– OCTOBER 2010 – REVISED SEPTEMBER 2011
FLATLINK
™ TRANSMITTER
Check for Samples: SN75LVDS83C
1
FEATURES
2
LVDS Display Serdes Interfaces Directly to
28 Data Channels Plus Clock In Low-Voltage
LCD Display Panels with Integrated LVDS
TTL to 4 Data Channels Plus Clock Out
Low-Voltage Differential
Package: 4.5mm x 7mm BGA
Consumes Less Than 1mW When Disabled
1.8V up to 3.3V Tolerant Data Inputs to
Connect Directly to Low-Power, Low-Voltage
Selectable Rising or Falling Clock Edge
Application and Graphic Processors
Triggered Inputs
Transfer Rate up to 85Mpps (Mega Pixel Per
ESD: 5kV HBM
Second); Pixel Clock Frequency Range 10MHz
Support Spread Spectrum Clocking (SSC)
to 85MHz
Suited for Display Resolutions Ranging From
APPLICATIONS
HVGA up to HD With Low EMI
LCD Display Panel Driver
Operates From a Single 3.3V Supply and
UMPC and Netbook PC
148mW (typical) at 75MHz
Digital Picture Frame
DESCRIPTION
The SN75LVDS83C FlatLink
™ transmitter contains four 7-bit parallel-load serial-out shift registers, a 7X clock
synthesizer, and five Low-Voltage Differential Signaling (LVDS) line drivers in a single integrated circuit. These
functions allow 28 bits of single-ended LVTTL data to be synchronously transmitted over five balanced-pair
conductors for receipt by a compatible receiver, such as the SN75LVDS82 and LCD panels with integrated LVDS
receiver.
When transmitting, data bits D0 through D27 are each loaded into registers upon the edge of the input clock
signal (CLKIN). The rising or falling edge of the clock can be selected via the clock select (CLKSEL) pin. The
frequency of CLKIN is multiplied seven times, and then used to unload the data registers in 7-bit slices and
serially. The four serial streams and a phase-locked clock (CLKOUT) are then output to LVDS output drivers.
The frequency of CLKOUT is the same as the input clock, CLKIN.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FlatLink is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75LVDS83CZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83CZQLR TI1-SN75LVDS83CZQLR Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
More results

Similar Description - SN75LVDS83CZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com