Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS83CZQLR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75LVDS83CZQLR
Description  FLATLINK TRANSMITTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS83CZQLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LVDS83CZQLR Datasheet HTML 4Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 5Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 6Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 7Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 8Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 9Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 10Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 11Page - Texas Instruments SN75LVDS83CZQLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SN75LVDS83C
SLLSE66A
– OCTOBER 2010 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VT
Input voltage threshold
IOVCC/2
V
Differential steady-state output voltage
mV
|VOD|
250
450
magnitude
RL = 100Ω, See Figure 4
Change in the steady-state differential
Δ|VOD|
output voltage magnitude between
1
35
mV
opposite binary states
Steady-state common-mode output
VOC(SS)
1.125
1.375
V
voltage
See Figure 4
tR/F (Dx, CLKin) = 1ns
Peak-to-peak common-mode output
VOC(PP)
35
mV
voltage
IIH
High-level input current
VIH = IOVCC
25
μA
IIL
Low-level input current
VIL = 0 V
±10
μA
VOY = 0 V
±24
mA
IOS
Short-circuit output current
VOD = 0 V
±12
mA
IOZ
High-impedance state output current
VO = 0 V to VCC
±20
μA
IOVCC = 1.8V
200
Input pull-down integrated resistor on all
Rpdn
k
inputs (Dx, CLKSEL, SHTDN, CLKIN)
IOVCC = 3.3V
100
disabled, all inputs at GND;
IQ
Quiescent current (average)
2
100
μA
SHTDN = VIL
SHTDN = VIH, RL = 100Ω (5 places),
grayscale pattern (Figure 5)
VCC = 3.3V, fCLK = 75MHz
I(VCC) + I(PLLVCC) + I(LVDSVCC)
44.9
mA
I(IOVCC) with IOVCC = 1.8V
0.1
ICC
Supply current (average)
SHTDN = VIH, RL = 100Ω (5 places),
worst-case pattern (Figure 6),
VCC = 3.3V, fCLK = 75MHz
I(VCC) + I(PLLVCC) + I(LVDSVCC)
55.1
mA
I(IOVCC) with IOVCC = 1.8V
0.5
CI
Input capacitance
2
pF
(1)
All typical values are at VCC = 3.3V, TA = 25°C.
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): SN75LVDS83C


Similar Part No. - SN75LVDS83CZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83CZQLR TI1-SN75LVDS83CZQLR Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
More results

Similar Description - SN75LVDS83CZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com