Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSTV32852 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74SSTV32852
Description  24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTV32852 Datasheet(HTML) 4 Page - Texas Instruments

  SN74SSTV32852 Datasheet HTML 1Page - Texas Instruments SN74SSTV32852 Datasheet HTML 2Page - Texas Instruments SN74SSTV32852 Datasheet HTML 3Page - Texas Instruments SN74SSTV32852 Datasheet HTML 4Page - Texas Instruments SN74SSTV32852 Datasheet HTML 5Page - Texas Instruments SN74SSTV32852 Datasheet HTML 6Page - Texas Instruments SN74SSTV32852 Datasheet HTML 7Page - Texas Instruments SN74SSTV32852 Datasheet HTML 8Page - Texas Instruments SN74SSTV32852 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74SSTV32852
24-BIT TO 48-BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES361C – AUGUST 2001 – REVISED FEBRUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
VDDQ
2.7
V
VDDQ
Output supply voltage
2.3
2.7
V
VREF
Reference voltage (VREF = VDDQ/2)
1.15
1.25
1.35
V
VTT
Termination voltage
VREF–40mV
VREF
VREF+40mV
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
Data inputs
VREF+310mV
V
VIL
AC low-level input voltage
Data inputs
VREF–310mV
V
VIH
DC high-level input voltage
Data inputs
VREF+150mV
V
VIL
DC low-level input voltage
Data inputs
VREF–150mV
V
VIH
High-level input voltage
RESET
1.7
V
VIL
Low-level input voltage
RESET
0.7
V
VICR
Common-mode input voltage range
CLK, CLK
0.97
1.53
V
VI(PP) Peak-to-peak input voltage
CLK, CLK
360
mV
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
_C
NOTE 4: The RESET input of the device must be held at valid logic voltage levels (not floating) to ensure proper device operation. The differential
inputs must not be floating unless RESET is low. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs,
literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
VIK
II = –18 mA
2.3 V
–1.2
V
VOH
IOH = –100 µA
2.3 V to 2.7 V
VDDQ–0.2
V
VOH
IOH = –16 mA
2.3 V
1.95
V
VOL
IOL = 100 µA
2.3 V to 2.7 V
0.2
V
VOL
IOL = 16 mA
2.3 V
0.35
V
II
All inputs
VI = VCC or GND
2.7 V
±5
µA
ICC
Static standby
RESET = GND
IO =0
27 V
10
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
2.7 V
35
mA
Dynamic operating –
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
46
µA/
MHz
ICCD
Dynamic operating –
per each data input
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
One data input switching at one-half clock
frequency, 50% duty cycle
IO = 0
2.7 V
12
µA/
clock
MHz/
D input
rOH
Output high
IOH = –20 mA
2.3 V to 2.7 V
7
20
rOL
Output low
IOL = 20 mA
2.3 V to 2.7 V
7
20
Data inputs
VI = VREF ± 310 mV
3
3.75
4.25
Ci
CLK, CLK
VICR = 1.25 V, VI(PP) = 360mV
2.5 V
3
3.5
4
pF
RESET
VI = VCC or GND
3.5
4.35
5
† All typical values are at VCC = 2.5 V, TA = 25°C.


Similar Part No. - SN74SSTV32852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852GKFR TI-SN74SSTV32852GKFR Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852ZKFR TI-SN74SSTV32852ZKFR Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
More results

Similar Description - SN74SSTV32852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV32852 RENESAS-HD74SSTV32852 Datasheet
2Mb / 9P
   24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
logo
Texas Instruments
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16842 RENESAS-HD74SSTV16842 Datasheet
1Mb / 7P
   11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
logo
Alliance Semiconductor ...
ASM4SSTVF32852 ALSC-ASM4SSTVF32852 Datasheet
105Kb / 13P
   DDR 24-Bit to 48-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS32852 ICST-ICS32852 Datasheet
126Kb / 7P
   DDR 24-Bit to 48-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com