Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVC8T245PWR-D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AVC8T245PWR-D
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AVC8T245PWR-D Datasheet(HTML) 6 Page - Texas Instruments

Back Button AVC8T245PWR-D Datasheet HTML 2Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 3Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 4Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 5Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 6Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 7Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 8Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 9Page - Texas Instruments AVC8T245PWR-D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
SN74AVC8T245
SCES517J – DECEMBER 2003 – REVISED MARCH 2017
www.ti.com
Product Folder Links: SN74AVC8T245
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
–40°C to +85°C
–40°C to +125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = –100 μA
VI = VIH
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO – 0.2
VCCO
0.2
V
IOH = –3 mA
1.2 V
1.2 V
0.95
IOH = –6 mA
1.4 V
1.4 V
1.05
1
IOH = –8 mA
1.65 V
1.65 V
1.2
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
1.75
IOH = –12 mA
3 V
3 V
2.3
2.3
VOL
IOL = 100 μA
VI = VIL
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
0.2
V
IOL = 3 mA
1.2 V
1.2 V
0.15
IOL = 6 mA
1.4 V
1.4 V
0.35
0.35
IOL = 8 mA
1.65 V
1.65 V
0.45
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
0.55
IOL = 12 mA
3 V
3 V
0.7
0.7
II
Control
inputs
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
–0.25
±0.025
0.25
–1
1
±1
μA
Ioff
A or B
port
VI or VO = 0 to 3.6 V
0 V
0 V to 3.6 V
–1
±0.1
1
–5
5
±5
μA
0 V to 3.6 V
0 V
–1
±0.1
1
–5
5
±5
IOZ
(3)
A or B
port
VO = VCCO or GND,
VI = VCCI or GND,
OE = VIH
3.6 V
3.6 V
±0.5
±2.5
±5
±5
μA
ICCA
VI = VCCI or
GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
15
15
μA
0 V
3.6 V
–2
–2
3.6 V
0 V
15
15
ICCB
VI = VCCI or
GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
15
15
μA
0 V
3.6 V
15
15
3.6 V
0 V
–2
–2
ICCA + ICCB
VI = VCCI or
GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
25
25
μA
Ci
Control
inputs
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
4.5
pF
Cio
A or B
port
VO = 3.3 V or GND
3.3 V
3.3 V
6
7
pF


Similar Part No. - AVC8T245PWR-D

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AVC EMERSON-NETWORKPOWER-AVC Datasheet
78Kb / 2P
   20w Ultra Low Profile - 6.0mm
logo
Arch Electronics Corp.
AVC-12S ARCH-AVC-12S Datasheet
219Kb / 2P
   Switching Power Module for PCB Mountable
AVC-15S ARCH-AVC-15S Datasheet
219Kb / 2P
   Switching Power Module for PCB Mountable
AVC-24S ARCH-AVC-24S Datasheet
219Kb / 2P
   Switching Power Module for PCB Mountable
AVC-5S ARCH-AVC-5S Datasheet
219Kb / 2P
   Switching Power Module for PCB Mountable
More results

Similar Description - AVC8T245PWR-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com