Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3082EDG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3082EDG4
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3082EDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD3082EDG4 Datasheet HTML 3Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 4Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 5Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 6Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 7Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 8Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 9Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 10Page - Texas Instruments SN65HVD3082EDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
www.ti.com
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
Product Folder Links: SN65HVD3082E SN75HVD3082E SN65HVD3085E SN65HVD3088E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6.9 Switching Characteristics: Receiver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-
level output
CL = 15 pF (see
Figure 16)
HVD3082E
HVD3085E
75
200
ns
HVD3086E
100
tPHL
Propagation delay time, high-to-low-
level output
HVD3082E
HVD3085E
79
200
ns
HVD3088E
100
tsk(p)
Pulse skew (|tPHL – tPLH|)
HVD3082E
HVD3085E
4
30
ns
HVD3088E
10
tr
Output signal rise time
VID = –1.5 V to 1.5 V,
CL = 15 pF (see Figure 16)
1.5
3
ns
tf
Output signal fall time
1.8
3
ns
tPZH
Output enable time to high level
CL = 15 pF,
DE at 3 V
(see Figure 17 and
Figure 18)
HVD3082E
HVD3085E
5
50
ns
HVD3088E
30
tPZL
Output enable time to low level
HVD3082E
HVD3085E
10
50
ns
HVD3088E
30
tPHZ
Output enable time from high level
HVD3082E
HVD3085E
5
50
ns
HVD3088E
30
tPLZ
Output disable time from low level
HVD3082E
HVD3085E
8
50
ns
HVD3088E
30
tPZH(SHDN)
Propagation delay time,
shutdown-to-high-level output
CL = 15 pF, DE at 0 V,
(see Figure 19)
1600
3500
ns
tPZL(SHDN)
Propagation delay time,
shutdown-to-low-level output
1700
3500
ns


Similar Part No. - SN65HVD3082EDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082EDG4 TI-SN65HVD3082EDG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3082EDG4 TI-SN65HVD3082EDG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082EDG4 TI1-SN65HVD3082EDG4 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
More results

Similar Description - SN65HVD3082EDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com