Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD485EDGKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD485EDGKR
Description  Half-Duplex RS-485 Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD485EDGKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD485EDGKR Datasheet HTML 2Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 3Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 4Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 5Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 6Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 7Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 8Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 9Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SN65HVD485E
SLLS612E – JUNE 2004 – REVISED DECEMBER 2015
www.ti.com
7.7 Power Dissipation Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 54 Ω, Input to D is a 10 Mbps 50% duty cycle square
P(AVG)
Average power dissipation
219
mW
wave VCC at 5.5 V, TJ = 130°C
Thermal shut-down junction
TSD
165
°C
temperature
7.8 Supply Current
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Driver and receiver enabled D at VCC or open or 0 V,
DE at VCC, RE at 0 V, No load
2
mA
ICC
Driver and receiver
D at VCC or open,
DE at 0 V, RE at VCC
1
mA
disabled
(1)
All typical values are at 25°C and with a 5-V supply.
7.9 Switching Characteristics: Driver
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
30
ns
tPHL
Propagation delay time, high-to-low-level output
30
ns
tr
Differential output signal rise time
RL = 54 Ω, CL = 50 pF (see Figure 6)
25
ns
tf
Differential output signal fall time
25
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
5
ns
Propagation delay time, high-impedance-to-high-level
tPZH
150
ns
output
RL = 110 Ω, RE at 0 V (see Figure 7)
Propagation delay time, high-level-to-high-impedance
tPHZ
100
ns
output
Propagation delay time, high-impedance-to-low-level
tPZL
150
ns
output
RL = 110 Ω, RE at 0 V (see Figure 8)
Propagation delay time, low-level-to-high-impedance
tPLZ
100
ns
output
Propagation delay time, shutdown-to-high-level
tPZH(SHN)
RL = 110 Ω, RE at VCC (see Figure 7)
2600
ns
output
tPZL(SHDN)
Propagation delay time, shutdown-to-low-level output
RL = 110 Ω, RE at VCC (see Figure 8)
2600
ns
7.10 Switching Characteristics: Receiver
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
200
ns
tPHL
Propagation delay time, high-to-low-level output
200
ns
VID = -1.5 V to 1.5 V, CL = 15 pF
tsk(p)
Pulse skew (|tPHL – tPLH|)
6
ns
(see Figure 11)
tr
Output signal rise time
3
ns
tf
Output signal fall time
3
ns
tPZH
Output enable time to high level
50
ns
tPZL
Output enable time to low level
50
ns
CL = 15 pF, DE at 3 V,
(see Figure 12 and Figure 13)
tPHZ
Output enable time from high level
50
ns
tPLZ
Output enable time from low level
50
ns
Propagation delay time, shutdown-to-high-level
tPZH(SHDN)
3500
ns
output
CL = 15 pF, DE at 0 V,
(see Figure 14)
Propagation delay time, shutdown-to-low-level
tPZL(SHDN)
3500
ns
output
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD485E


Similar Part No. - SN65HVD485EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDGKR TI1-SN65HVD485EDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDGKRG4 TI1-SN65HVD485EDGKRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results

Similar Description - SN65HVD485EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com