Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00141AIDCKG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # HPA00141AIDCKG4
Description  1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00141AIDCKG4 Datasheet(HTML) 1 Page - Texas Instruments

  HPA00141AIDCKG4 Datasheet HTML 1Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 2Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 3Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 4Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 5Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 6Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 7Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 8Page - Texas Instruments HPA00141AIDCKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
2
3
5
4
V+
-IN
OUT
V-
+IN
OPA333
SOT23-5
1
2
3
5
4
V+
OUT
+IN
V-
-IN
OPA333
SC70-5
1
2
3
4
8
7
6
5
V+
OUT B
-IN B
+IN B
OUT A
-IN A
+IN A
V-
Exposed
Thermal
Die Pad
on
Underside
OPA2333
DFN-8 (SON-8)
1 s/div
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA333, OPA2333
SBOS351E – MARCH 2006 – REVISED DECEMBER 2015
OPAx333 1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
1 Features
3 Description
The OPAx333 series of CMOS operational amplifiers
1
Low Offset Voltage: 10
μV (Maximum)
use
a
proprietary
auto-calibration
technique
to
Zero Drift: 0.05
μV/°C (Maximum)
simultaneously
provide
very
low
offset
voltage
0.01-Hz to 10-Hz Noise: 1.1
μVPP
(10
μV, maximum) and near-zero drift over time and
temperature. These miniature, high-precision, low
Quiescent Current: 17
μA
quiescent current amplifiers offer high-impedance
Single-Supply Operation
inputs that have a common-mode range 100 mV
Supply Voltage: 1.8 V to 5.5 V
beyond the rails, and rail-to-rail output that swings
within 50 mV of the rails. Single or dual supplies as
Rail-to-Rail Input/Output
low as 1.8 V (±0.9 V) and up to 5.5 V (±2.75 V) can
microSize Packages: SC70 and SOT23
be used. These devices are optimized for low-
voltage, single-supply operation.
2 Applications
The OPAx333 family offers excellent CMRR without
Transducers
the
crossover
associated
with
traditional
Temperature Measurements
complementary input stages. This design results in
Electronic Scales
superior performance for driving analog-to-digital
converters (ADCs) without degradation of differential
Medical Instrumentation
linearity.
Battery-Powered Instruments
The OPA333 (single version) is available in the 5-pin
Handheld Test Equipment
SOT-23, SOT, and 8-pin SOIC packages, while the
OPA2333 (dual version) is available in the 8-pin
VSON, SOIC, and VSSOP packages. All versions are
specified for operation from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
OPA333
SOT (5)
2.00 mm x 1.25 mm
SOIC (8)
4.90 mm × 3.90 mm
VSON (8)
3.00 mm × 3.00 mm
OPA2333
SOIC (8)
4.90 mm × 3.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
0.1-Hz to 10-Hz Noise
OPAx333 Pinout Diagrams
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HPA00141AIDCKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00126DGGR TI1-HPA00126DGGR Datasheet
1Mb / 23P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
HPA00165DGSR TI1-HPA00165DGSR Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
HPA00169DGNR TI1-HPA00169DGNR Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
HPA00190DR TI1-HPA00190DR Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
HPA00191DR TI1-HPA00191DR Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - HPA00141AIDCKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com