Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9945AEY Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI9945AEY
Description  Dual N-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI9945AEY Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si9945AEY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70758
S-57253—Rev. C, 24-Feb-98
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 55_C
10
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 3.7 A
0.06
0.080
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 3.4 A
0.075
0.100
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.7 A
11
S
Diode Forward Voltagea
VSD
IS = 2.0 A, VGS = 0 V
1.2
V
Dynamicb
Total Gate Charge
Qg
V30 V V
10 V I
3 7 A
11
20
C
Gate-Source Charge
Qgs
VDS = 30 V, VGS = 10 V, ID = 3.7 A
2
nC
Gate-Drain Charge
Qgd
2
Turn-On Delay Time
td(on)
V30 V R
30
W
9
20
Rise Time
tr
VDD = 30 V, RL = 30 W
I
1 A V
10 V R
6
W
10
20
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ 1 A, VGEN = 10 V, RG = 6 W
21
40
ns
Fall Time
tf
8
20
Source-Drain Reverse Recovery Time
trr
IF = 2.0 A, di/dt = 100 A/ms
45
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn