Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET8501PB Datasheet(PDF) 11 Page - Texas Instruments

Part # ONET8501PB
Description  11.3-Gbps Rate-Selectable Limiting Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8501PB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET8501PB_17 Datasheet HTML 7Page - Texas Instruments ONET8501PB_17 Datasheet HTML 8Page - Texas Instruments ONET8501PB_17 Datasheet HTML 9Page - Texas Instruments ONET8501PB_17 Datasheet HTML 10Page - Texas Instruments ONET8501PB_17 Datasheet HTML 11Page - Texas Instruments ONET8501PB_17 Datasheet HTML 12Page - Texas Instruments ONET8501PB_17 Datasheet HTML 13Page - Texas Instruments ONET8501PB_17 Datasheet HTML 14Page - Texas Instruments ONET8501PB_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
P
S
S
P
SDA
SCK
t
BUF
t
LOW
t
r
t
f
t
HIGH
t
HDSTA
t
HDSTA
t
HDDAT
t
SUDAT
t
SUSTA
t
SUSTO
11
ONET8501PB
www.ti.com
SLLS910A – JULY 2008 – REVISED JUNE 2016
Product Folder Links: ONET8501PB
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.5 Programming
8.5.1 2-Wire Interface and Control Logic
The ONET8501PB uses a 2-wire serial interface for digital control. The two circuit inputs, SDA and SCK, are
driven, respectively, by the serial data and serial clock from a microcontroller, for example. Both inputs include
100-k
Ω pullup resistors to VCC. For driving these inputs, TI recommends an open-drain output.
The 2-wire interface allows write access to the internal memory map to modify control registers and read access
to read out control and status signals. The ONET8501PB is a slave device only which means that it can not
initiate a transmission itself; it always relies on the availability of the SCK signal for the duration of the
transmission. The master device provides the clock signal as well as the START and STOP commands. The
protocol for a data transmission is as follows:
1. START command
2. 7-bit slave address (1000100) followed by an eighth bit which is the data direction bit (R/W). A zero indicates
a WRITE and a 1 indicates a READ.
3. 8-bit register address
4. 8-bit register data word
5. STOP command
Regarding timing, the ONET8501PB is I2C compatible. The typical timing is shown in Figure 13 and a complete
data transfer is shown in Figure 14. Parameters for Figure 13 are defined in Table 4.
Bus Idle: Both SDA and SCK lines remain HIGH
Start Data Transfer: A change in the state of the SDA line, from HIGH to LOW, while the SCK line is HIGH,
defines a START condition (S). Each data transfer begins with a START condition.
Stop Data Transfer: A change in the state of the SDA line from LOW to HIGH while the SCK line is HIGH
defines a STOP condition (P). Each data transfer ends with a STOP condition; however, if the master still wishes
to communicate on the bus, it can generate a repeated START condition and address another slave without first
generating a STOP condition.
Data Transfer: Only one data byte can be transferred between a START and a STOP condition. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. The
transmitter releases the SDA line and a device that acknowledges must pull down the SDA line during the
acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the
acknowledge clock pulse. Setup and hold times must be taken into account. When a slave-receiver doesn’t
acknowledge the slave address, the data line must be left HIGH by the slave. The master can then generate a
STOP condition to abort the transfer. If the slave-receiver does acknowledge the slave address but some time
later in the transfer cannot receive any more data bytes, the master must abort the transfer. This is indicated by
the slave generating the not acknowledge on the first byte to follow. The slave leaves the data line HIGH and the
master generates the STOP condition.
Figure 13. I2C Timing Diagram


Similar Part No. - ONET8501PB_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTRG4 TI1-ONET8501PBRGTRG4 Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTT TI1-ONET8501PBRGTT Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTTG4 TI1-ONET8501PBRGTTG4 Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
More results

Similar Description - ONET8501PB_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com