Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7448DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7448DP
Description  N-Channel 20-V (D-S) Fast Switching MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7448DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7448DP Datasheet HTML 1Page - Vishay Siliconix SI7448DP Datasheet HTML 2Page - Vishay Siliconix SI7448DP Datasheet HTML 3Page - Vishay Siliconix SI7448DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKr
Package with Low 1.07-mm Profile
D 100% Rg Tested
APPLICATIONS
D Synchronous Rectifier-Low Output Voltage
D Portable Computer Battery Selection or
Protection
Si7448DP
Vishay Siliconix
Document Number: 71635
S-31728—Rev. B, 18-Aug-03
www.vishay.com
1
N-Channel 20-V (D-S) Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
20
0.0065 @ VGS = 4.5 V
22
20
0.009 @ VGS = 2.5 V
19
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
N-Channel MOSFET
G
D
S
Ordering Information: Si7448DP-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
22
13.4
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
17.6
10.7
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)a
IS
4.3
1.6
Maximum Power Dissipationa
TA = 25_C
PD
5.2
1.9
W
Maximum Power Dissipationa
TA = 70_C
PD
3.3
1.2
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
19
24
Maximum Junction-to-Ambienta
Steady State
RthJA
52
65
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.5
1.8
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI7448DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7448DP VISHAY-SI7448DP Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

Similar Description - SI7448DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 30-Jun-08
SI7108DN-T1-E3 VISHAY-SI7108DN-T1-E3 Datasheet
536Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com