Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1210DS-7N1ML Datasheet(PDF) 10 Page - YAGEO Corporation

Part # RC1210DS-7N1ML
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC1210DS-7N1ML Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button RC1210DS-7N1ML Datasheet HTML 2Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 3Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 4Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 5Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 6Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 7Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 8Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 9Page - YAGEO Corporation RC1210DS-7N1ML Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
10
10
SERIES
RC_L
0075 to 2512
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION HISTORY
TYPE
POWER
TOLERANCE
RESISTANCE RANGE
TEMPERATURE COEFFICIENT
OF RESISTANCE
PF
0603 1/10W, 1/5W, 3/10W, 2/5W, 1/2W
± 1%
± 2%
± 5%
5 mΩ≦ R < 100 mΩ
±75 ppm/°C
0805
1/8W, 1/4W, 1/3W, 1/2W
4 mΩ ≦ R < 100 mΩ
1206
1/4W, 1/2W
3 mΩ ≦ R < 100 mΩ
2010
1/2W, 1W
The resistors are constructed
using outstanding TCR level
material, which makes Yageo PF
resistors excellent for current
sensing application in battery
charger circuit & DC-DC
converter.
The composition of the resistive
material is adjusted to give the
approximate required resistance
and is covered with a protective
coating, which printed with the
resistance value.
Finally, the three external
terminations (Ni / matte Tin) are
added, as shown in Fig. 4.
5 mΩ ≦ R < 100 mΩ
2512
1W, 2W
1 mΩ ≦ R < 100 mΩ
3W
1 mΩ ≦ R ≦ 50 mΩ
4527
2W, 3W, 5W
6 mΩ ≦ R < 1Ω
NOTE: 1. PLEASE CONTACT WITH SALES OFFICES, DISTRIBUTORS AND REPRESENTATIVES IN YOUR REGION BEFORE ORDERING
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 6
Feb.15, 2017
-
- Extend RC0805 and RC1206 resistance range to 100Mohm
Version 5
Oct. 06, 2016
-
- Description: Update Dimension of I2 of RC2512 (2W)
Version 4
Jan. 22, 2016
-
- Update resistance range
Version 3
Dec. 24, 2015 -
- Updated test and requirements
Version 2
Jul. 23, 2015
-
- Updated test and requirements
Version 1
Jan. 21, 2015
-
- ESD Safe Reel update
Version 0
Dec. 15, 2014 -
- First issue of this specification


Similar Part No. - RC1210DS-7N1ML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC1210DS-7N1MP YAGEO-RC1210DS-7N1MP Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC1210DS-7N1ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com